전자부품 데이터시트 검색엔진 |
|
AD7714AR-3 데이터시트(PDF) 11 Page - Analog Devices |
|
AD7714AR-3 데이터시트(HTML) 11 Page - Analog Devices |
11 / 40 page 2 AD7714 REV. C –11– AD7714-5 OUTPUT NOISE Table Ia shows the output rms noise and effective resolution for some typical notch and –3 dB frequencies for the AD7714-5 with fCLK IN = 2.4576 MHz while Table Ib gives the information for fCLK IN = 1 MHz. The numbers given are for the bipolar input ranges with a VREF of +2.5 V and with BUFFER = 0. These numbers are typical and are generated at an analog input voltage of 0 V. The numbers in brackets in each table are for the effective resolution of the part (rounded to the nearest 0.5 LSB). The effective resolu- tion of the device is defined as the ratio of the output rms noise to the input full scale (i.e., 2 × V REF/GAIN ). It should be noted that it is not calculated using peak-to-peak output noise numbers. Peak-to-peak noise numbers can be up to 6.6 times the rms numbers while effective resolution numbers based on peak-to-peak noise can be 2.5 bits below the effective resolution based on rms noise as quoted in the tables. The output noise from the part comes from two sources. The first is the electrical noise in the semiconductor devices used in the implementation of the modulator (device noise). Secondly, when the analog input signal is converted into the digital domain, quan- tization noise is added. The device noise is at a low level and is largely independent of frequency. The quantization noise starts at an even lower level but rises rapidly with increasing frequency to become the dominant noise source. Consequently, lower filter notch settings (below 100 Hz approximately for fCLK IN = 2.4576 MHz and below 40 Hz approximately for fCLK IN = 1 MHz) tend to be device noise dominated while higher notch settings are dominated by quantization noise. Changing the filter notch and cutoff frequency in the quantization-noise dominated region results in a more dramatic improvement in noise performance than it does in the device-noise dominated region as shown in Table I. Furthermore, quantization noise is added after the PGA, so effective resolu- tion is largely independent of gain for the higher filter notch frequencies. Meanwhile, device noise is added in the PGA and, there- fore, effective resolution reduces at high gains for lower notch frequencies. Additionally, in the device-noise dominated region, the output noise (in µV) is largely independent of reference voltage while in the quantization-noise dominated region, the noise is pro- portional to the value of the reference. It is possible to do post-filtering on the device to improve the output data rate for a given –3 dB frequency and also to further reduce the output noise. At the lower filter notch settings (below 60 Hz for fCLK IN = 2.4576 MHz and below 25 Hz for fCLK IN = 1 MHz), the no missing codes performance of the device is at the 24-bit level. At the higher settings, more codes will be missed until at 1 kHz notch setting for fCLK IN = 2.4576 MHz (400 Hz for fCLK IN = 1 MHz), no missing codes performance is only guaranteed to the 12-bit level. Table Ia. AD7714-5 Output Noise/Resolution vs. Gain and First Notch for f CLK IN = 2.4576 MHz, BUFFER = 0 Filter First Typical Output RMS Noise in V (Effective Resolution in Bits) Notch & O/P –3 dB Gain of Gain of Gain of Gain of Gain of Gain of Gain of Gain of Data Rate Frequency 1 2 4 8 16 32 64 128 5 Hz 1.31 Hz 0.87 (22.5) 0.48 (22.5) 0.24 (22.5) 0.2 (21.5) 0.18 (20.5) 0.17 (20) 0.17 (19) 0.17 (18) 10 Hz 2.62 Hz 1.0 (22.5) 0.78 (21.5) 0.48 (21.5) 0.33 (21) 0.25 (20.5) 0.25 (19.5) 0.25 (18.5) 0.25 (17.5) 25 Hz 6.55 Hz 1.8 (21.5) 1.1 (21) 0.63 (21) 0.5 (20) 0.44 (19.5) 0.41 (18.5) 0.38 (17.5) 0.38 (16.5) 30 Hz 7.86 Hz 2.5 (21) 1.31 (21) 0.84 (20.5) 0.57 (20) 0.46 (19.5) 0.43 (18.5) 0.4 (17.5) 0.4 (16.5) 50 Hz 13.1 Hz 4.33 (20) 2.06 (20) 1.2 (20) 0.64 (20) 0.54 (19) 0.46 (18.5) 0.46 (17.5) 0.46 (16.5) 60 Hz 15.72 Hz 5.28 (20) 2.36 (20) 1.33 (20) 0.87 (19.5) 0.63 (19) 0.62 (18) 0.6 (17) 0.56 (16) 100 Hz 26.2 Hz 12.1 (18.5) 5.9 (18.5) 2.86 (19) 1.91 (18.5) 1.06 (18) 0.83 (17.5) 0.82 (16.5) 0.76 (15.5) 250 Hz 65.5 Hz 127 (15.5) 58 (15.5) 29 (15.5) 15.9 (15.5) 6.7 (15.5) 3.72 (15.5) 1.96 (15.5) 1.5 (14.5) 500 Hz 131 Hz 533 (13) 267 (13) 137 (13) 66 (13) 38 (13) 20 (13) 8.6 (13) 4.4 (13) 1 kHz 262 Hz 2,850 (11) 1,258 (11) 680 (11) 297 (11) 131 (11) 99 (10.5) 53 (10.5) 28 (10.5) Table Ib. AD7714-5 Output Noise/Resolution vs. Gain and First Notch for fCLK IN = 1 MHz, BUFFER = 0 Filter First Typical Output RMS Noise in V (Effective Resolution in Bits) Notch & O/P –3 dB Gain of Gain of Gain of Gain of Gain of Gain of Gain of Gain of Data Rate Frequency 1 2 4 8 16 32 64 128 2 Hz 0.52 Hz 0.75 (22.5) 0.56 (22) 0.31 (22) 0.19 (21.5) 0.17 (21) 0.14 (20) 0.14 (19) 0.14 (18) 4 Hz 1.05 Hz 1.04 (22) 0.88 (21.5) 0.45 (21.5) 0.28 (21) 0.21 (20.5) 0.21 (19.5) 0.21 (18.5) 0.21 (17.5) 10 Hz 2.62 Hz 1.66 (21.5) 1.01 (21.5) 0.77 (20.5) 0.41 (20.5) 0.37 (19.5) 0.35 (19) 0.35 (18) 0.35 (17) 25 Hz 6.55 Hz 5.2 (20) 2.06 (20) 1.4 (20) 0.86 (19.5) 0.63 (19) 0.61 (18) 0.59 (17) 0.59 (16) 30 Hz 7.86 Hz 7.1 (19.5) 3.28 (19.5) 1.42 (19.5) 1.07 (19) 0.78 (18.5) 0.64 (18) 0.61 (17) 0.61 (16) 50 Hz 13.1 Hz 19.4 (18) 9.11 (18) 4.2 (18) 2.45 (18) 1.56 (17.5) 1.1 (17) 0.82 (16.5) 0.8 (15.5) 60 Hz 15.72 Hz 25 (17.5) 16 (17.5) 6.5 (17.5) 2.9 (17.5) 1.93 (17.5) 1.4 (17) 1.1 (16) 0.98 (15.5) 100 Hz 26.2 Hz 102 (15.5) 58 (15.5) 25 (15.5) 13.5 (15.5) 5.7 (15.5) 3.9 (15.5) 2.1 (15) 1.3 (15) 200 Hz 52.4 Hz 637 (13) 259 (13) 130 (13) 76 (13) 33 (13) 16 (13) 11 (13) 6 (12.5) 400 Hz 104.8 Hz 2,830 (11) 1,430 (11) 720 (11) 334 (11) 220 (10.5) 94 (10.5) 54 (10.5) 25 (10.5) |
유사한 부품 번호 - AD7714AR-3 |
|
유사한 설명 - AD7714AR-3 |