전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9221AR 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD9221AR
상세설명  Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9221AR 데이터시트(HTML) 3 Page - Analog Devices

  AD9221AR Datasheet HTML 1Page - Analog Devices AD9221AR Datasheet HTML 2Page - Analog Devices AD9221AR Datasheet HTML 3Page - Analog Devices AD9221AR Datasheet HTML 4Page - Analog Devices AD9221AR Datasheet HTML 5Page - Analog Devices AD9221AR Datasheet HTML 6Page - Analog Devices AD9221AR Datasheet HTML 7Page - Analog Devices AD9221AR Datasheet HTML 8Page - Analog Devices AD9221AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
REV. E
AD9221/AD9223/AD9220
–3–
AC SPECIFICATIONS
(AVDD = 5 V, DVDD= 5 V, fSAMPLE = Max Conversion Rate, VREF = 1.0 V, VINB = 2.5 V, DC Coupled/Single-
Ended Input TMIN to TMAX, unless otherwise noted.)
Parameter
AD9221
AD9223
AD9220
Unit
MAX CONVERSION RATE
1.5
3.0
10.0
MHz min
DYNAMIC PERFORMANCE
Input Test Frequency 1 (VINA = –0.5 dBFS)
100
500
1000
kHz
Signal-to-Noise and Distortion (SINAD)
70.0
70.0
70
dB typ
69.0
68.5
68.5
dB min
Effective Number of Bits (ENOBs)
11.3
11.3
11.3
dB typ
11.2
11.1
11.1
dB min
Signal-to-Noise Ratio (SNR)
70.2
70.0
70.2
dB typ
69.0
68.5
69.0
dB min
Total Harmonic Distortion (THD)
–83.4
–83.4
–83.7
dB typ
–77.5
–76.0
–76.0
dB max
Spurious Free Dynamic Range (SFDR)
86.0
87.5
88.0
dB typ
79.0
77.5
77.5
dB max
Input Test Frequency 2 (VINA = –0.5 dBFS)
0.50
1.50
5.0
MHz
Signal-to-Noise and Distortion (SINAD)
69.9
69.4
67.0
dB typ
69.0
68.0
65.0
dB min
Effective Number of Bits (ENOBs)
11.3
11.2
10.8
dB typ
11.2
11.1
10.5
dB min
Signal-to-Noise Ratio (SNR)
70.1
69.7
68.8
dB typ
69.0
68.5
67.5
dB min
Total Harmonic Distortion (THD)
–83.4
–82.9
–72.0
dB typ
–77.5
–75.0
–68.0
dB max
Spurious Free Dynamic Range (SFDR)
86.0
85.7
75.0
dB typ
79.0
76.0
69.0
dB max
Full Power Bandwidth
25
40
60
MHz typ
Small Signal Bandwidth
25
40
60
MHz typ
Aperture Delay
111ns typ
Aperture Jitter
444ps rms typ
Acquisition to Full-Scale Step
125
43
30
ns typ
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS (AVDD = 5 V, DVDD = 5 V, T
MIN to TMAX, unless otherwise noted.)
Parameter
Symbol
Unit
CLOCK INPUT
High Level Input Voltage
VIH
3.5
V min
Low Level Input Voltage
VIL
1.0
V max
High Level Input Current (VIN = DVDD)
IIH
±10
µA max
Low Level Input Current (VIN = 0 V)
IIL
±10
µA max
Input Capacitance
CIN
5
pF typ
LOGIC OUTPUTS
DVDD = 5 V
High Level Output Voltage (IOH = 50
µA)
VOH
4.5
V min
High Level Output Voltage (IOH = 0.5 mA)
VOH
2.4
V min
Low Level Output Voltage (IOL = 1.6 mA)
VOL
0.4
V max
Low Level Output Voltage (IOL = 50
µA)
VOL
0.1
V max
DVDD = 3 V
High Level Output Voltage (IOH = 50
µA)
VOH
2.95
V min
High Level Output Voltage (IOH = 0.5 mA)
VOH
2.80
V min
Low Level Output Voltage (IOL = 1.6 mA)
VOL
0.4
V max
Low Level Output Voltage (IOL = 50
µA)
VOL
0.05
V max
Output Capacitance
COUT
5
pF typ
Specifications subject to change without notice.


유사한 부품 번호 - AD9221AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9221AR AD-AD9221AR Datasheet
470Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221AR AD-AD9221AR Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221AR AD-AD9221AR Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221AR AD-AD9221AR Datasheet
423Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
AD9221AR AD-AD9221AR Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Rev. E
More results

유사한 설명 - AD9221AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9221ARSZ AD-AD9221ARSZ Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9200ARSZ AD-AD9200ARSZ Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220 AD-AD9220_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223 AD-AD9223_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221 Datasheet
470Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221ARZ-REEL AD-AD9221ARZ-REEL Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220ARSZ AD-AD9220ARSZ Datasheet
423Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
AD9220ARSZ AD-AD9220ARSZ Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Rev. E
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com