전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA170(C)A 데이터시트(PDF) 4 Page - Formosa MS

부품명 SA170(C)A
상세설명  500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

SA170(C)A 데이터시트(HTML) 4 Page - Formosa MS

  SA170(C)A Datasheet HTML 1Page - Formosa MS SA170(C)A Datasheet HTML 2Page - Formosa MS SA170(C)A Datasheet HTML 3Page - Formosa MS SA170(C)A Datasheet HTML 4Page - Formosa MS SA170(C)A Datasheet HTML 5Page - Formosa MS SA170(C)A Datasheet HTML 6Page - Formosa MS SA170(C)A Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
O
Absolute Maximum Rating(T = 25 C)
A
mA
I
T
Volts
Max. V
C@ I PPM
Volts
I
(A)
PPM
233
197
247
263
209
222
1.0
1.0
1.0
1.0
1.0
1.0
259
275
292
308
324
340
1.9
1.8
1.7
1.6
1.5
1.5
Part No.
SA160(C)A
SA170(C)A
159
1.0
209
2.4
SA130(C)A
185
1.0
243
2.1
SA150(C)A
o
Electrical characteristics (at T =25 C unless otherwise noted)
Table 1
A
Volts
Volts
V
BR Max
V
BR Min
V
RWM
I
FSM
211
178
224
237
189
201
144
167
190
160
200
210
170
180
130
150
(A)@8.3ms
70
70
70
70
70
70
70
70
SA200(C)A
SA210(C)A
SA180(C)A
SA190(C)A
O
Electricity Characteristics(T = 25 C)
A
3
3
3
3
3
3
3
3
Note 1. V
measured after I applied for 300us, I =square wave pulse or equivalent
BR
T
T
2. Surge current waveform per Fig. 3 and derated per Fig. 2
3. For bi-directional types having V
of 10 volts and less, the I limit is doubled
RWM
R
4. Suffix ‘C’ denotes bi-directional devices. Suffix ‘A’ denotes 5% tolerance devices, no suffix denotes 10% tolerance devices.
5. All terms and symbols are consistent with ANS/IEEE C62.35
Fig. A - Transients of several thousand volts can be
clamped to a safe level by the TVS
+30V
+20V
+12V
Transient Peak
IC Failure Threshold
TVS Clamping
Voltage (VC)
Normal Operating
Voltage
Fig. B - Transient current is divered to ground thru
TVS; the voltage seen by the protected load
is limited to the clamping voltage level
Transient
Voltage
Clamping
Transient
Protected
Load
TVS
Transient
Current
+
-
Formosa MS
Transient Voltage Suppressor
SA SERIES
272
1.0
356
1.4
246
220
70
SA220(C)A
3
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222807
2008/02/10
2010/03/10
B
7
Max. I @V
R
RWM
深圳FMS
Kinter
131
6803
0058


유사한 부품 번호 - SA170(C)A

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
SA170(C)A FRONTIER-SA170(C)A Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA170(C)A-LFR FRONTIER-SA170(C)A-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - SA170(C)A

제조업체부품명데이터시트상세설명
logo
First Components Intern...
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0CA SUNMATE-5KP5.0CA Datasheet
336Kb / 4P
   5000Watts Axial Leaded Transient Voltage Suppressors
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com