전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1304-0000-000C00C265F 데이터시트(PDF) 2 Page - Cree, Inc

부품명 CXA1304-0000-000C00C265F
상세설명  CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000C00C265F 데이터시트(HTML) 2 Page - Cree, Inc

  CXA1304-0000-000C00C265F Datasheet HTML 1Page - Cree, Inc CXA1304-0000-000C00C265F Datasheet HTML 2Page - Cree, Inc CXA1304-0000-000C00C265F Datasheet HTML 3Page - Cree, Inc CXA1304-0000-000C00C265F Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000C00C265F Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000C00C265F Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000C00C265F Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000C00C265F Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000C00C265F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
2
XLamp CXa1304 LED
characteristics
characteristics
unit
minimum
typical
maximum
viewing angle (FWHm)
degrees
115
eSD withstand voltage (HBm per mil-Std-883D)
v
8000
DC forward current (9 v)
mA
1000*
DC forward current (37 v)
mA
250*
Reverse current (9 v, 37 v)
mA
0.1
Forward voltage (9 v, 400 mA, 85 °C)
v
9.3
Forward voltage (9 v, 400 mA, 25 °C)
v
10.5
Forward voltage (37 v, 100 mA, 85 °C)
v
37
Forward voltage (37 v, 100 mA, 25 °C)
v
42
*
Refer to the operating Limits section.


유사한 부품 번호 - CXA1304-0000-000C00C265F

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1304-0000-000C00C265F CREE-CXA1304-0000-000C00C265F Datasheet
3Mb / 30P
   XLamp LED
More results

유사한 설명 - CXA1304-0000-000C00C265F

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com