전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3070-0000-000N00AD50H 데이터시트(PDF) 11 Page - Cree, Inc

부품명 CXA3070-0000-000N00AD50H
상세설명  LED array expands Crees family of high flux, multi die integrated arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3070-0000-000N00AD50H 데이터시트(HTML) 11 Page - Cree, Inc

Back Button CXA3070-0000-000N00AD50H Datasheet HTML 6Page - Cree, Inc CXA3070-0000-000N00AD50H Datasheet HTML 7Page - Cree, Inc CXA3070-0000-000N00AD50H Datasheet HTML 8Page - Cree, Inc CXA3070-0000-000N00AD50H Datasheet HTML 9Page - Cree, Inc CXA3070-0000-000N00AD50H Datasheet HTML 10Page - Cree, Inc CXA3070-0000-000N00AD50H Datasheet HTML 11Page - Cree, Inc CXA3070-0000-000N00AD50H Datasheet HTML 12Page - Cree, Inc CXA3070-0000-000N00AD50H Datasheet HTML 13Page - Cree, Inc CXA3070-0000-000N00AD50H Datasheet HTML 14Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
11
XLamp CXa3070 LED
bin and order code formats
Bin codes and order codes are configured as follows:
order code
bin code
mechanical dimensions
Dimensions are in mm.
Tolerances unless otherwise
specified:
.x + .10
.xx + .03
.xxx + .010
x° + 1°
SSSSSCC-HHHH-HHHGGNNNNNN
Series = CXA30
Internal code
CRI Specification
0 = Standard CRI
H = 80 min CRI
Kit code
Vf class: N0 = 36-V class
Performance class
SSSSSCC-WWW-FF-GGR-AAAAA
Series = CXA30
Chromaticity bin
Vf class: N0 = 36-V class
Internal code
CRI Specification
B = 70 min CRI
H = 80 min CRI
Flux bin
Performance class
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX
±
.010
.XX
±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX
±
.01
.XXX
±
.005
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
63
27.35
±0.2
27.35
±0.2
23.00
±0.2
25.00
±0.2
1.15 ± 0.15
0.55 ± 0.1
7.91
11.25
1.3
4.6
1.3
3.3
1.3
3.3
1.3
3.3
3
/
1
5.500
A
LE2801
LE2801 MARKETING SPEC
2/15/13
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
TOLERANCE UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN MM
.X
±
.10
.XX
±
.03
.XXX ± .010
X °
±
1 °
Tc


유사한 부품 번호 - CXA3070-0000-000N00AD50H

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
More results

유사한 설명 - CXA3070-0000-000N00AD50H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com