전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3070-0000-000N00Z227F 데이터시트(PDF) 6 Page - Cree, Inc

부품명 CXA3070-0000-000N00Z227F
상세설명  LED array expands Crees family of high flux, multi die integrated arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3070-0000-000N00Z227F 데이터시트(HTML) 6 Page - Cree, Inc

Back Button CXA3070-0000-000N00Z227F Datasheet HTML 2Page - Cree, Inc CXA3070-0000-000N00Z227F Datasheet HTML 3Page - Cree, Inc CXA3070-0000-000N00Z227F Datasheet HTML 4Page - Cree, Inc CXA3070-0000-000N00Z227F Datasheet HTML 5Page - Cree, Inc CXA3070-0000-000N00Z227F Datasheet HTML 6Page - Cree, Inc CXA3070-0000-000N00Z227F Datasheet HTML 7Page - Cree, Inc CXA3070-0000-000N00Z227F Datasheet HTML 8Page - Cree, Inc CXA3070-0000-000N00Z227F Datasheet HTML 9Page - Cree, Inc CXA3070-0000-000N00Z227F Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
6
XLamp CXa3070 LED
relative luminous fluX
The relative luminous flux values provided below are the ratio of:
• measurements of CXA3070 at steady-state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 1925 mA at T
J = 85 °C.
For example, at steady-state operation of Tc = 25 °C, I
F = 1300 mA, the relative luminous flux ratio is 80% in the chart
below. A CXA3070 LeD that measures 8500 lm during binning will deliver 6800 lm (8500 * 0.8) at steady-state operation
of Tc = 25 °C, I
F = 1300 mA.
0%
20%
40%
60%
80%
100%
120%
140%
300
800
1300
1800
2300
2800
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C


유사한 부품 번호 - CXA3070-0000-000N00Z227F

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
More results

유사한 설명 - CXA3070-0000-000N00Z227F

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com