전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1816-0000-000N0YK40E8 데이터시트(PDF) 11 Page - Cree, Inc

부품명 CXA1816-0000-000N0YK40E8
상세설명  CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N0YK40E8 데이터시트(HTML) 11 Page - Cree, Inc

Back Button CXA1816-0000-000N0YK40E8 Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 9Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 10Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 11Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 12Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 13Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 14Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
11
XLamp CXa1816 LED
Performance grouPs - chromaticity (t
J = 85 °c) - continued
ansi White bins
code
cct
bin
code
x
y
0e1
6500 K
1A0
0.3048 0.3207
0.3130 0.3290
0.3144 0.3186
0.3068 0.3113
1B0
0.3028 0.3304
0.3115 0.3391
0.3130 0.3290
0.3048 0.3207
1C0
0.3115 0.3391
0.3205 0.3481
0.3213 0.3373
0.3130 0.3290
1D0
0.3130 0.3290
0.3213 0.3373
0.3221 0.3261
0.3144 0.3186
ansi White bins
code
cct
bin
code
x
y
0e2
5700 K
2A0
0.3215 0.3350
0.3290 0.3417
0.3290 0.3300
0.3222 0.3243
2B0
0.3207 0.3462
0.3290 0.3538
0.3290 0.3417
0.3215 0.3350
2C0
0.3290 0.3538
0.3376 0.3616
0.3371 0.3490
0.3290 0.3417
2D0
0.3290 0.3417
0.3371 0.3490
0.3366 0.3369
0.3290 0.3300
ansi White bins
code
cct
bin
code
x
y
0e6
3500 K
6A0
.3889
.3690
.3941
.3848
.4080
.3916
.4017
.3751
6B0
.3941
.3848
.3996
.4015
.4146
.4089
.4080
.3916
6C0
.4080
.3916
.4146
.4089
.4299
.4165
.4221
.3984
6D0
.4017
.3751
.4080
.3916
.4221
.3984
.4147
.3814
ansi White bins
code
cct
bin
code
x
y
0e5
4000 K
5A0
.3670
.3578
.3702
.3722
.3825
.3798
.3783
.3646
5B0
.3702
.3722
.3736
.3874
.3869
.3958
.3825
.3798
5C0
.3825
.3798
.3869
.3958
.4006
.4044
.3950
.3875
5D0
.3783
.3646
.3825
.3798
.3950
.3875
.3898
.3716
ansi White bins
code
cct
bin
code
x
y
0e3
5000 K
3A0
.3371
.3490
.3451
.3554
.3440
.3427
.3366
.3369
3B0
.3376
.3616
.3463
.3687
.3451
.3554
.3371
.3490
3C0
.3463
.3687
.3551
.3760
.3533
.3620
.3451
.3554
3D0
.3451
.3554
.3533
.3620
.3515
.3487
.3440
.3427


유사한 부품 번호 - CXA1816-0000-000N0YK40E8

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1816-0000-000N0YK427F CREE-CXA1816-0000-000N0YK427F Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N0YK427G CREE-CXA1816-0000-000N0YK427G Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N0YK427H CREE-CXA1816-0000-000N0YK427H Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N0YK430F CREE-CXA1816-0000-000N0YK430F Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N0YK430H CREE-CXA1816-0000-000N0YK430H Datasheet
2Mb / 17P
   XLamp LED
More results

유사한 설명 - CXA1816-0000-000N0YK40E8

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com