전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1507-0000-000N00E427H 데이터시트(PDF) 9 Page - Cree, Inc

부품명 CXA1507-0000-000N00E427H
상세설명  LED array expands Crees family of high flux, multi die arrays in a smaller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1507-0000-000N00E427H 데이터시트(HTML) 9 Page - Cree, Inc

Back Button CXA1507-0000-000N00E427H Datasheet HTML 5Page - Cree, Inc CXA1507-0000-000N00E427H Datasheet HTML 6Page - Cree, Inc CXA1507-0000-000N00E427H Datasheet HTML 7Page - Cree, Inc CXA1507-0000-000N00E427H Datasheet HTML 8Page - Cree, Inc CXA1507-0000-000N00E427H Datasheet HTML 9Page - Cree, Inc CXA1507-0000-000N00E427H Datasheet HTML 10Page - Cree, Inc CXA1507-0000-000N00E427H Datasheet HTML 11Page - Cree, Inc CXA1507-0000-000N00E427H Datasheet HTML 12Page - Cree, Inc CXA1507-0000-000N00E427H Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright © 2012-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc. .
9
XLamp CXa1507 LED
tyPical sPatial distribution
Performance grouPs - brightness (i
f = 200 ma, tJ = 85 °c)
XLamp CXA1507 LEDs are tested for luminous flux and placed into one of the following bins.
group code
min. luminous flux
@ 200 ma
max. luminous flux
@ 200 ma
C4
475
510
D2
510
550
D4
550
590
e2
590
635
e4
635
680
F2
680
730
F4
730
780
G2
780
840
G4
840
900
H2
900
970
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


유사한 부품 번호 - CXA1507-0000-000N00E427H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1507-0000-000N00E427H CREE-CXA1507-0000-000N00E427H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E427H CREE-CXA1507-0000-000N00E427H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
More results

유사한 설명 - CXA1507-0000-000N00E427H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com