전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1507-0000-000N00F430F 데이터시트(PDF) 6 Page - Cree, Inc

부품명 CXA1507-0000-000N00F430F
상세설명  LED array expands Crees family of high flux, multi die arrays in a smaller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1507-0000-000N00F430F 데이터시트(HTML) 6 Page - Cree, Inc

Back Button CXA1507-0000-000N00F430F Datasheet HTML 2Page - Cree, Inc CXA1507-0000-000N00F430F Datasheet HTML 3Page - Cree, Inc CXA1507-0000-000N00F430F Datasheet HTML 4Page - Cree, Inc CXA1507-0000-000N00F430F Datasheet HTML 5Page - Cree, Inc CXA1507-0000-000N00F430F Datasheet HTML 6Page - Cree, Inc CXA1507-0000-000N00F430F Datasheet HTML 7Page - Cree, Inc CXA1507-0000-000N00F430F Datasheet HTML 8Page - Cree, Inc CXA1507-0000-000N00F430F Datasheet HTML 9Page - Cree, Inc CXA1507-0000-000N00F430F Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Copyright © 2012-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc. .
6
XLamp CXa1507 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
cct
range
cri
base order codes
min. luminous flux
@ 200 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
4000 K
70
75
F4
730
815
5A0, 5B0, 5C0, 5D0
CXA1507-0000-000N00F40e5
G2
780
871
CXA1507-0000-000N00G20e5
G4
840
938
CXA1507-0000-000N00G40e5
80
---
F4
780
815
5A0, 5B0, 5C0, 5D0
CXA1507-0000-000N0HF40e5
G2
780
871
CXA1507-0000-000N0HG20e5
90
95
e2
590
659
5A0, 5B0, 5C0, 5D0
CXA1507-0000-000N0Ue20e5
e4
635
709
CXA1507-0000-000N0Ue40e5
F2
680
CXA1507-0000-000N0UF20e5
3500 K
80
---
F2
680
759
6A0, 6B0, 6C0, 6D0
CXA1507-0000-000N00F20e6
F4
730
815
CXA1507-0000-000N00F40e6
G2
780
871
CXA1507-0000-000N00G20e6
93
95
D4
550
614
6A0, 6B0, 6C0, 6D0
CXA1507-0000-000N0YD40e6
e2
590
659
CXA1507-0000-000N0Ye20e6
e4
635
709
CXA1507-0000-000N0Ye40e6
3000 K
80
---
F2
680
759
7A0, 7B0, 7C0, 7D0
CXA1507-0000-000N00F20e7
F4
730
815
CXA1507-0000-000N00F40e7
G2
780
871
CXA1507-0000-000N00G20e7
90
---
D4
550
614
7A0, 7B0, 7C0, 7D0
CXA1507-0000-000N0UD40e7
e2
590
659
CXA1507-0000-000N0Ue20e7
93
95
D2
510
569
7A0, 7B0, 7C0, 7D0
CXA1507-0000-000N0YD20e7
D4
550
614
CXA1507-0000-000N0YD40e7
e2
590
659
CXA1507-0000-000N0Ye20e7
2700 K
80
---
e4
635
709
8A0, 8B0, 8C0, 8D0
CXA1507-0000-000N00e40e8
F2
680
759
CXA1507-0000-000N00F20e8
F4
730
815
CXA1507-0000-000N00F40e8
90
---
C4
475
530
8A0, 8B0, 8C0, 8D0
CXA1507-0000-000N0UC40e8
D2
510
569
CXA1507-0000-000N0UD20e8
D4
550
614
CXA1507-0000-000N0UD40e8
93
95
C4
475
530
8A0, 8B0, 8C0, 8D0
CXA1507-0000-000N0YC40e8
D2
510
569
CXA1507-0000-000N0YD20e8
D4
550
614
CXA1507-0000-000N0YD40e8
fluX characteristics, ansi White order codes and bins (i
f = 200 ma, tJ = 85 °c) -
continued


유사한 부품 번호 - CXA1507-0000-000N00F430F

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1507-0000-000N00F430F CREE-CXA1507-0000-000N00F430F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00F430F CREE-CXA1507-0000-000N00F430F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
More results

유사한 설명 - CXA1507-0000-000N00F430F

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com