전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA100CA 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 SA100CA
상세설명  DEVICES FOR BIPOLAR APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SA100CA 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  SA100CA Datasheet HTML 1Page - Fairchild Semiconductor SA100CA Datasheet HTML 2Page - Fairchild Semiconductor SA100CA Datasheet HTML 3Page - Fairchild Semiconductor SA100CA Datasheet HTML 4Page - Fairchild Semiconductor SA100CA Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SA5.0(C)A - SA170(C)A, Rev. A
Transient Voltage Supressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
* For bidirectional parts with V
RWM<10V, the IR max limit is doubled.
Uni-directional
Bi-directional (C)
Device
Reverse
Stand-off Voltage
VRWM (V)
Breakdown Voltage
VBR (V)
min
max
Test
Current
IT (mA)
Max Clamping
Voltage @IPPM
VC (V)
Max Peak Pulse
Surge Current
IPPM (A)
Max Reverse
Leakage VRWM
IR (uA)*
SA5.0(C)A
5.0
6.40
7.00
10
9.2
54.3
600
SA6.0(C)A
6.0
6.67
7.37
10
10.3
48.5
600
SA6.5(C)A
6.5
7.22
7.98
10
11.2
44.7
400
SA7.0(C)A
7.0
7.78
8.60
10
12.0
41.7
150
SA7.5(C)A
7.5
8.33
9.21
1.0
12.9
38.8
50
SA8.0(C)A
8.0
8.89
9.83
1.0
13.6
36.7
25
SA8.5(C)A
8.5
9.44
10.4
1.0
14.4
34.7
10
SA9.0(C)A
9.0
10.0
11.1
1.0
15.4
32.5
5
SA10(C)A
10
11.1
12.3
1.0
17.0
29.4
1
SA11(C)A
11
12.2
13.5
1.0
18.2
27.4
1
SA12(C)A
12
13.3
14.7
1.0
19.9
25.1
1
SA13(C)A
13
14.4
15.9
1.0
21.5
23.2
1
SA14(C)A
14
15.6
17.2
1.0
23.2
21.5
1
SA15(C)A
15
16.7
18.5
1.0
24.4
20.6
1
SA16(C)A
16
17.8
19.7
1.0
26.0
19.2
1
SA17(C)A
17
18.9
20.9
1.0
27.6
18.1
1
SA18(C)A
18
20.0
22.1
1.0
29.2
17.2
1
SA20(C)A
20
22.2
24.5
1.0
32.4
15.4
1
SA22(C)A
22
24.4
26.9
1.0
35.5
14.1
1
SA24(C)A
24
26.7
29.5
1.0
38.9
12.8
1
SA26(C)A
26
28.9
31.9
1.0
42.1
11.9
1
SA28(C)A
28
31.1
34.4
1.0
45.4
11.0
1
SA30(C)A
30
33.3
36.8
1.0
48.4
10.3
1
SA33(C)A
33
36.7
40.6
1.0
53.3
9.4
1
SA36(C)A
36
40.0
44.2
1.0
58.1
8.6
1
SA40(C)A
40
44.4
49.1
1.0
64.5
7.8
1
SA43(C)A
43
47.8
52.8
1.0
69.4
7.2
1
SA45(C)A
45
50.0
55.3
1.0
72.7
6.9
1
SA48(C)A
48
53.3
58.9
1.0
77.4
6.5
1
SA51(C)A
51
56.7
62.7
1.0
82.4
6.1
1
SA54(C)A
54
60.0
66.3
1.0
87.1
5.7
1
SA58(C)A
58
64.4
71.2
1.0
93.6
5.3
1
SA60(C)A
60
66.7
73.7
1.0
96.8
5.2
1
SA64(C)A
64
71.1
78.6
1.0
103.0
4.9
1
SA70(C)A
70
77.8
86.0
1.0
113.0
4.4
1
SA75(C)A
75
83.3
92.1
1.0
121.0
4.1
1
SA78(C)A
78
86.7
95.8
1.0
126.0
4.0
1
SA85(C)A
85
94.4
104.0
1.0
137.0
3.6
1
SA90(C)A
90
100.0
111.0
1.0
146.0
3.4
1
SA100(C)A
100
111.0
123.0
1.0
162.0
3.1
1
SA110(C)A
110
122.0
135.0
1.0
177.0
2.8
1
SA120(C)A
120
133.0
147.0
1.0
193.0
2.7
1
SA130(C)A
130
144.0
159.0
1.0
209.0
2.4
1
SA150(C)A
150
167.0
185.0
1.0
243.0
2.1
1
SA160(C)A
160
178.0
197.0
1.0
259.0
1.9
1
SA170(C)A
170
189.0
209.0
1.0
275.0
1.8
1


유사한 부품 번호 - SA100CA

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SA100CA PANJIT-SA100CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Shenzhen Luguang Electr...
SA100CA LUGUANG-SA100CA Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
SA100CA LUGUANG-SA100CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA100CA WTE-SA100CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
MERITEK ELECTRONICS COR...
SA100CA MERITEK-SA100CA Datasheet
293Kb / 4P
   Transient Voltage Suppressors
More results

유사한 설명 - SA100CA

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SMBJ5V0 FAIRCHILD-SMBJ5V0 Datasheet
121Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
SMCJ50 FAIRCHILD-SMCJ50 Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Seme LAB
BFY81DCSM SEME-LAB-BFY81DCSM Datasheet
19Kb / 1P
   Dual Bipolar NPN Devices.
2N3501DCSM SEME-LAB-2N3501DCSM Datasheet
27Kb / 2P
   DUAL BIPOLAR NPN DEVICES
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P_15 Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13009-Q UTC-MJE13009-Q Datasheet
257Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13007-Q UTC-MJE13007-Q_15 Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
   TVS devices for power line communication applications
logo
Seme LAB
2N918DCSM SEME-LAB-2N918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
2N869AXDCSM SEME-LAB-2N869AXDCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com