전자부품 데이터시트 검색엔진 |
|
1-1123688-7 데이터시트(PDF) 3 Page - Tyco Electronics |
|
1-1123688-7 데이터시트(HTML) 3 Page - Tyco Electronics |
3 / 6 page te.com/powerconnectors 2-Piece Power Connectors TE Connectivity Application: Backplanes PRODUCTS Amps/Linear Inch Universal Power Module MULTIGIG RT ICCON MINIPAK HDE Stacked ICCON < 125 l 125 – 175 l l 175 – 225 l > 225 l Universal Power Module (UPM) Connectors (Slim UPM shown) • Varieties of UPM include: standard, high current, slim, low profile • 2 performance levels • Standard 10 amp contact • High current 16 Amp contacts • True hot-plug contacts • High reliability — up to 250 cycles • Different configurations include right angle, vertical, coplanar and mezzanine Reference Part Numbers* 1903977-1 (Slim UPM), 1645498-2 (Vertical Plug), 5646954-2 (R/A Plug) MULTIGIG RT Connectors • 2 mm backplane connectors • 20 Amp contacts • Three contact mating lengths are available in 1.5 mm sequence levels • 1 and 2 row versions to provide maximum trace routing flexibility • True hot-plug contacts Reference Part Numbers* 1-1410271-1 (Plug) 1410270-2 (Receptacle) ICCON Connectors • With and without locking feature • 35A current rating • Slimline version available, 30% smaller footprint • Board-to-board, board–to-busbar, and wire-to-board application options • Durable, quick connect/disconnect function for high current space constrained applications Reference Part Numbers* 6643274-1 (Vertical Pin), 6643228-1 (R/A Pin), 6643220-1 (SLIMLINE Socket) MINIPAK HDE Connectors • Designed to compliment other backplane connectors offered by TE including Z-PACK HM-Zd, Z-PACK TinMan and other connectors • Very high current density — 18 Amps per contact, over 250 Amps/linear inch • Two levels of contact sequencing for mate-first-break-last operation Reference Part Numbers* 1926226-1 (2x6), 1926229-1 (2x9) Stacked ICCON Connector • Very High Current Density — Up to 200 Amps per inch • Occupies less PCB edge space than separate ICCON power and guide modules • Designed to compliment Z-PACK and other backplane connectors • Right angle connector to mate motherboard-to-daughterboard power distribution systems • Ground pin, power pin and mate-first-break-last pin options Reference Part Numbers* 2085181-1 (R/A Socket) 1766663-1 (Vertical Pin) te.com/products/minipakhde *Part numbers listed are examples of some available samples, please visit website for additional and mating part numbers. te.com/products/iccon te.com/products/upm te.com/products/iccon |
유사한 부품 번호 - 1-1123688-7 |
|
유사한 설명 - 1-1123688-7 |