전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6-1105301-1 데이터시트(PDF) 82 Page - List of Unclassifed Manufacturers

부품명 6-1105301-1
상세설명  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

6-1105301-1 데이터시트(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button 6-1105301-1 Datasheet HTML 78Page - List of Unclassifed Manufacturers 6-1105301-1 Datasheet HTML 79Page - List of Unclassifed Manufacturers 6-1105301-1 Datasheet HTML 80Page - List of Unclassifed Manufacturers 6-1105301-1 Datasheet HTML 81Page - List of Unclassifed Manufacturers 6-1105301-1 Datasheet HTML 82Page - List of Unclassifed Manufacturers 6-1105301-1 Datasheet HTML 83Page - List of Unclassifed Manufacturers 6-1105301-1 Datasheet HTML 84Page - List of Unclassifed Manufacturers 6-1105301-1 Datasheet HTML 85Page - List of Unclassifed Manufacturers 6-1105301-1 Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
80
HIP.6/16, HIP-K.6/16, EMV-K.6/16 Gehäuse/Housings
Baugröße/Size 3
HIP: Druckdicht, silbergrau, HIP-K: Korrosionsgeschützt, schwarz
EMV-K: Schutz gegen elektromagnetische Beeinflussung, druckdicht, korrosionsgeschützt, schwarz
HIP: Pressure-tight, silver-grey, HIP-K: Housings corrosion-resistant, black
EMV-K: Protection against electro-magnetic interference, pressure-tight, housings corrosion-resistant, black
Schraubverriegelung am Oberteil/Screw lock on hood
IP 68
HIP
HIP.6/16.SG.1.16.G
HIP.6/16.SG.2.16.G
HIP.6/16.SG.2.M32.G
HIP-K
HIP-K.6/16.SG.1.16.G
HIP-K.6/16.SG.2.16.G
HIP-K.6/16.SG.2.M25.G
HIP-K.6/16.SG.2.M32.G
EMV-K
EMV-K.6/16.SG.1.16.G
EMV-K.6/16.SG.2.16.G
EMV-K.6/16.SG.2.M25.G
EMV-K.6/16.SG.2.M32.G
HIP
HIP/EMV.6/16.SKB
HIP-K
HIP-K/EMV-K.6/16.SKB
EMV-K
HIP-K/EMV-K.6/16.SKB
1-1102604-5
1-1102605-5
0-1106424-1
2-1102604-5
2-1102605-5
0-1102942-1
0-1106424-2
5-1102708-5
5-1102709-5
0-1106413-3
0-1106415-2
3-1106201-5
4-1106201-5
4-1106201-5
Bestelltext
Designation
Bestell-Nr.
Order No.
Schutzkappe für Gehäuse-Unterteile
Protective covers for housings
90
70
ø5.5
31
8
56
45
80
96
4-1102709-5
M/PG
19
96
53
M6x30
PG
16
2x16
16
2x16
16
2x16
Sockelgehäuse: Kabeleingang seitlich
Surface mounted housing: Side entry
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
2xM32
2xM25
2xM32
2xM25
2xM32
Bezeichnung
Description


유사한 부품 번호 - 6-1105301-1

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
6-1105653-8 TEC-6-1105653-8 Datasheet
275Kb / 1P
   ECR-17-006155
More results

유사한 설명 - 6-1105301-1

제조업체부품명데이터시트상세설명
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com