전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP09EY 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 OP09EY
상세설명  MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

OP09EY 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button OP09EY Datasheet HTML 2Page - List of Unclassifed Manufacturers OP09EY Datasheet HTML 3Page - List of Unclassifed Manufacturers OP09EY Datasheet HTML 4Page - List of Unclassifed Manufacturers OP09EY Datasheet HTML 5Page - List of Unclassifed Manufacturers OP09EY Datasheet HTML 6Page - List of Unclassifed Manufacturers OP09EY Datasheet HTML 7Page - List of Unclassifed Manufacturers OP09EY Datasheet HTML 8Page - List of Unclassifed Manufacturers OP09EY Datasheet HTML 9Page - List of Unclassifed Manufacturers OP09EY Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-93083
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
A
SHEET
7
DSCC FORM 2234
APR 97
4. VERIFICATION
4.1 Sampling and inspection. For device classes Q and V, sampling and inspection procedures shall be in accordance with
MIL-PRF-38535 or as modified in the device manufacturer's Quality Management (QM) plan. The modification in the QM plan
shall not affect the form, fit, or function as described herein. For device class M, sampling and inspection procedures shall be in
accordance with MIL-PRF-38535, appendix A.
4.2 Screening. For device classes Q and V, screening shall be in accordance with MIL-PRF-38535, and shall be conducted
on all devices prior to qualification and technology conformance inspection. For device class M, screening shall be in
accordance with method 5004 of MIL-STD-883, and shall be conducted on all devices prior to quality conformance inspection.
4.2.1 Additional criteria for device class M.
a.
Burn-in test, method 1015 of MIL-STD-883.
(1) Test condition A, B, C, or D. The test circuit shall be maintained by the manufacturer under document revision
level control and shall be made available to the preparing or acquiring activity upon request. The test circuit shall
specify the inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in
method 1015 of MIL-STD-883.
(2) TA = +125C, minimum.
b.
Interim and final electrical test parameters shall be as specified in table II herein.
4.2.2 Additional criteria for device classes Q and V.
a.
The burn-in test duration, test condition and test temperature, or approved alternatives shall be as specified in the
device manufacturer's QM plan in accordance with MIL-PRF-38535. The burn-in test circuit shall be maintained under
document revision level control of the device manufacturer's Technology Review Board (TRB) in accordance with
MIL-PRF-38535 and shall be made available to the acquiring or preparing activity upon request. The test circuit shall
specify the inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in
method 1015 of MIL-STD-883.
b.
Interim and final electrical test parameters shall be as specified in table II herein.
c.
Additional screening for device class V beyond the requirements of device class Q shall be as specified in
MIL-PRF-38535, appendix B.
4.3 Qualification inspection for device classes Q and V. Qualification inspection for device classes Q and V shall be in
accordance with MIL-PRF-38535. Inspections to be performed shall be those specified in MIL-PRF-38535 and herein for groups
A, B, C, D, and E inspections (see 4.4.1 through 4.4.4).
4.4 Conformance inspection. Technology conformance inspection for classes Q and V shall be in accordance with
MIL-PRF-38535 including groups A, B, C, D, and E inspections and as specified herein. Quality conformance inspection for
device class M shall be in accordance with MIL-PRF-38535, appendix A and as specified herein. Inspections to be performed
for device class M shall be those specified in method 5005 of MIL-STD-883 and herein for groups A, B, C, D, and E inspections
(see 4.4.1 through 4.4.4).
4.4.1 Group A inspection.
a.
Tests shall be as specified in table II herein.
b.
Subgroups 7, 8, 10, and 11 in table I, method 5005 of MIL-STD-883 shall be omitted.


유사한 부품 번호 - OP09EY

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP09 AD-OP09 Datasheet
718Kb / 7P
   Quad Matched 741-Type Operational Amplifiers
More results

유사한 설명 - OP09EY

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP16GJ ETC2-OP16GJ Datasheet
173Kb / 14P
   MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
List of Unclassifed Man...
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962-88565 ETC2-5962-88565 Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com