전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP-09AY883 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 OP-09AY883
상세설명  MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

OP-09AY883 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  OP-09AY883 Datasheet HTML 1Page - List of Unclassifed Manufacturers OP-09AY883 Datasheet HTML 2Page - List of Unclassifed Manufacturers OP-09AY883 Datasheet HTML 3Page - List of Unclassifed Manufacturers OP-09AY883 Datasheet HTML 4Page - List of Unclassifed Manufacturers OP-09AY883 Datasheet HTML 5Page - List of Unclassifed Manufacturers OP-09AY883 Datasheet HTML 6Page - List of Unclassifed Manufacturers OP-09AY883 Datasheet HTML 7Page - List of Unclassifed Manufacturers OP-09AY883 Datasheet HTML 8Page - List of Unclassifed Manufacturers OP-09AY883 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-93083
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
A
SHEET
5
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions 1/
-55
C  TA +125C
Group A
subgroups
Device
type
Limits 2/
Unit
unless otherwise specified
Min
Max
Input offset voltage
VOS
RS = 10 k
1
01
0.5
mV
2,3
1.0
Input offset current
IOS
1
01
20
nA
2,3
40
Input bias current
IB
1
01
-300
+300
nA
2,3
-375
+375
Common mode rejection ratio
CMRR
VCM = 12 V, RS = 10 k
1,2,3
01
100
dB
Power supply rejection ratio
PSRR
VS = 5, 15 V, RS = 10 k
1,2,3
01
32
V/V
Output voltage swing
VO
RL = 2 k
4,5,6
01
-11
+11
V
Large signal voltage gain
AVO
VO = 10 V, RL = 2 k
4
01
100
V/mV
5,6
50
Power dissipation
PD
VO = 0 V, all four amplifiers
1
01
180
mW
2,3
200
Channel separation
CS
4
01
100
dB
Input offset voltage match
VOS
1
01
0.75
mV
2,3
1
Common mode rejection match
CMR
VCM = 12 V
1,2,3
01
94
dB
Rise time 3/
tr
AVCL = 1, VIN = 50 mV,
measured at 10% to 90%
9
01
145
ns
Overshoot
OS
9
01
25
%
Slew rate 3/
SR
AVCL = 1, VOUT = 10 V,
measured at 10% to 90%,
RL  2 k
9
01
0.7
V/
s
1/
Unless otherwise specified, VS = 15 V, RS = 50 , and VCM = 0 V.
2/
The algebraic convention, whereby the most negative value is minimum and the most positive is a maximum, is used in
this table. Negative current shall be defined as conventional current flow out of a device terminal.
3/
If not tested, shall be guaranteed to the limits specified in table I herein.


유사한 부품 번호 - OP-09AY883

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP-09AY AD-OP-09AY Datasheet
718Kb / 7P
   Quad Matched 741-Type Operational Amplifiers
More results

유사한 설명 - OP-09AY883

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP16GJ ETC2-OP16GJ Datasheet
173Kb / 14P
   MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
List of Unclassifed Man...
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962-88565 ETC2-5962-88565 Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com