전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25011Q 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM25011Q
상세설명  42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM25011Q 데이터시트(HTML) 1 Page - Texas Instruments

  LM25011Q Datasheet HTML 1Page - Texas Instruments LM25011Q Datasheet HTML 2Page - Texas Instruments LM25011Q Datasheet HTML 3Page - Texas Instruments LM25011Q Datasheet HTML 4Page - Texas Instruments LM25011Q Datasheet HTML 5Page - Texas Instruments LM25011Q Datasheet HTML 6Page - Texas Instruments LM25011Q Datasheet HTML 7Page - Texas Instruments LM25011Q Datasheet HTML 8Page - Texas Instruments LM25011Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM25011, LM25011-Q1
www.ti.com
SNVS617G – APRIL 2009 – REVISED FEBRUARY 2013
LM25011, LM25011Q, LM25011A, LM25011AQ
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
Check for Samples: LM25011, LM25011-Q1
1
FEATURES
Thermal Shutdown
Precision 2% Feedback Reference
2
LM25011Q is an Automotive Grade Product
that is AEC-Q100 Grade 1 Qualified (-40°C to
Package: 10-Pin, VSSOP
+125°C Operating Junction Temperature)
DESCRIPTION
LM25011A Allows Low Dropout Operation at
The
LM25011
Constant
On-time
Step-Down
High Switching Frequency
Switching Regulator features all the functions needed
Input Operating Voltage Range: 6V to 42V
to implement a low cost, efficient, buck bias regulator
Absolute Maximum Input Rating: 45V
capable of supplying up to 2A of load current. This
Integrated 2A N-Channel Buck Switch
high voltage regulator contains an N-Channel Buck
switch, a startup regulator, current limit detection, and
Adjustable Current Limit Allows for Smaller
internal
ripple
control.
The
constant
on-time
Inductor
regulation principle requires no loop compensation,
Adjustable Output Voltage from 2.51V
results in fast load transient response, and simplifies
Minimum Ripple Voltage at VOUT
circuit
implementation.
The
operating
frequency
remains constant with line and load. The adjustable
Power Good Output
valley current limit detection results in a smooth
Switching Frequency Adjustable to 2 MHz
transition from constant voltage to constant current
COT Topology Features:
mode when current limit is reached, without the use
of current limit foldback. The PGD output indicates
Switching Frequency Remains Nearly
the output voltage has increased to within 5% of the
Constant with Load Current and Input
expected
regulation
value.
Additional
features
Voltage Variations
include: Low output ripple, VIN under-voltage lock-
Ultra-Fast Transient Response
out, adjustable soft-start timing, thermal shutdown,
gate drive pre-charge, gate drive under-voltage lock-
No Loop Compensation Required
out, and maximum duty cycle limit.
Stable Operation with Ceramic Output
Capacitors
The LM25011A has a shorter minimum off-time than
the LM25011, which allows for higher frequency
Allows for Smaller Output Capacitor and
operation at low input voltages.
Current Sense Resistor
Adjustable Soft-Start Timing
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM25011Q

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25011Q TI-LM25011Q Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q TI1-LM25011Q Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MY TI-LM25011Q1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MY/NOPB TI-LM25011Q1MY/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MYX TI-LM25011Q1MYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

유사한 설명 - LM25011Q

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com