전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3488QMMX 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM3488QMMX
상세설명  High Efficiency Low-Side N-Channel Controller for Switching Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3488QMMX 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3488QMMX Datasheet HTML 6Page - Texas Instruments LM3488QMMX Datasheet HTML 7Page - Texas Instruments LM3488QMMX Datasheet HTML 8Page - Texas Instruments LM3488QMMX Datasheet HTML 9Page - Texas Instruments LM3488QMMX Datasheet HTML 10Page - Texas Instruments LM3488QMMX Datasheet HTML 11Page - Texas Instruments LM3488QMMX Datasheet HTML 12Page - Texas Instruments LM3488QMMX Datasheet HTML 13Page - Texas Instruments LM3488QMMX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
LM3488
LM3488-Q1
SNVS089M – JULY 2000 – REVISED MARCH 2013
www.ti.com
Under extremely light load or no-load conditions, the energy delivered to the output capacitor when the external
MOSFET is on during the blank-out time is more than what is delivered to the load. An over-voltage comparator
inside the LM3488 prevents the output voltage from rising under these conditions. The over-voltage comparator
senses the feedback (FB pin) voltage and resets the RS latch under these conditions. The latch remains in reset
state till the output decays to the nominal value.
Figure 22. Basic Operation of the PWM comparator
SLOPE COMPENSATION RAMP
The LM3488 uses a current mode control scheme. The main advantages of current mode control are inherent
cycle-by-cycle current limit for the switch, and simpler control loop characteristics. It is also easy to parallel power
stages using current mode control since as current sharing is automatic.
Current mode control has an inherent instability for duty cycles greater than 50%, as shown in Figure 23. In
Figure 23, a small increase in the load current causes the switch current to increase by
ΔIO. The effect of this
load change,
ΔI1, is :
(1)
From the above equation, when D > 0.5,
ΔI1 will be greater than ΔIO. In other words, the disturbance is divergent.
So a very small perturbation in the load will cause the disturbance to increase.
To prevent the sub-harmonic oscillations, a compensation ramp is added to the control signal, as shown in
Figure 24.
With the compensation ramp,
(2)
Figure 23. Sub-Harmonic Oscillation for D>0.5
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3488 LM3488-Q1


유사한 부품 번호 - LM3488QMMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3488QMMX NSC-LM3488QMMX Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488QMMX TI-LM3488QMMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488QMMX/NOPB TI-LM3488QMMX/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
LM3488QMMX/NOPB TI1-LM3488QMMX/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
More results

유사한 설명 - LM3488QMMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI1-LM3488 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 NSC-LM3488_09 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488 TI-LM3488_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com