전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AS880NT 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74AS880NT
상세설명  DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AS880NT 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AS880NT Datasheet HTML 1Page - Texas Instruments SN74AS880NT Datasheet HTML 2Page - Texas Instruments SN74AS880NT Datasheet HTML 3Page - Texas Instruments SN74AS880NT Datasheet HTML 4Page - Texas Instruments SN74AS880NT Datasheet HTML 5Page - Texas Instruments SN74AS880NT Datasheet HTML 6Page - Texas Instruments SN74AS880NT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN54ALS880A, SN74ALS880A
DUAL 4BIT DTYPE LATCHES WITH 3STATE OUTPUTS
SDAS079A − D2661, DECEMBER 1982 − REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
4
switching characteristics (see Note 1)
VCC = 5 V,
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
CL = 50 pF,
R1 = 500
Ω,
R1 = 500
,
PARAMETER
FROM
TO
R2 = 500
Ω,
R2 = 500
,
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TA = 25°C
TA = MIN to MAX
UNIT
’ALS880A
SN54ALS880A
SN74ALS880A
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
D
Q
14
19
3
23
3
20
ns
tPHL
D
Q
9
12
3
15
3
14
ns
tPLH
C
Q
17
22
8
31
8
24
ns
tPHL
C
Q
14
18
8
22
8
21
ns
tPHL
PRE
Q
12
16
6
24
6
21
ns
tPZH
OC
Q
12
15
4
21
4
18
ns
tPZL
OC
Q
13
17
4
21
4
18
ns
tPHZ
OC
Q
6
9
2
12
2
10
ns
tPLZ
OC
Q
8
11
3
21
3
17
ns
NOTE 1: Load circuit and voltage waveforms are shown in Section 1.


유사한 부품 번호 - SN74AS880NT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AS880 TI-SN74AS880 Datasheet
82Kb / 6P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AS880NT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALS873B TI-SN54ALS873B Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SNJ54ALS873B TI-SNJ54ALS873B Datasheet
138Kb / 9P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS880A TI-SN54ALS880A Datasheet
82Kb / 6P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS873 FAIRCHILD-DM74AS873 Datasheet
50Kb / 5P
   Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com