전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74CBT16214DGGRE4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 74CBT16214DGGRE4
상세설명  12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74CBT16214DGGRE4 데이터시트(HTML) 2 Page - Texas Instruments

  74CBT16214DGGRE4 Datasheet HTML 1Page - Texas Instruments 74CBT16214DGGRE4 Datasheet HTML 2Page - Texas Instruments 74CBT16214DGGRE4 Datasheet HTML 3Page - Texas Instruments 74CBT16214DGGRE4 Datasheet HTML 4Page - Texas Instruments 74CBT16214DGGRE4 Datasheet HTML 5Page - Texas Instruments 74CBT16214DGGRE4 Datasheet HTML 6Page - Texas Instruments 74CBT16214DGGRE4 Datasheet HTML 7Page - Texas Instruments 74CBT16214DGGRE4 Datasheet HTML 8Page - Texas Instruments 74CBT16214DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN74CBT16214
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SCDS008L – MAY 1993 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
INPUT/OUTPUT
FUNCTION
S2
S1
S0
A
FUNCTION
L
L
L
Z
Disconnect
L
LH
B1
A port = B1 port
L
HL
B2
A port = B2 port
L
HH
Z
Disconnect
H
LL
Z
Disconnect
H
LH
B3
A port = B3 port
H
HL
B1
A port = B1 port
H
H
H
B2
A port = B2 port
logic diagram (positive logic)
1B2
1B1
12A
1A
S0
S1
S2
1B3
12B2
12B1
12B3
2
27
1
56
55
54
53
3
30
29
28


유사한 부품 번호 - 74CBT16214DGGRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74CBT16214DGGRG4 TI1-74CBT16214DGGRG4 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results

유사한 설명 - 74CBT16214DGGRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_08 Datasheet
313Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV16292DLG4 TI1-74CBTLV16292DLG4 Datasheet
516Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT16292 PHILIPS-CBT16292_15 Datasheet
90Kb / 11P
   12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02-18 April 2008
logo
Nexperia B.V. All right...
CBT16292 NEXPERIA-CBT16292 Datasheet
193Kb / 12P
   12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02 - 18 April 2008
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com