전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN7405D 데이터시트(PDF) 2 Page - Texas Instruments

부품명 SN7405D
상세설명  HEX INVERTERS WITH OPEN-COLLECTOR OUPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN7405D 데이터시트(HTML) 2 Page - Texas Instruments

  SN7405D Datasheet HTML 1Page - Texas Instruments SN7405D Datasheet HTML 2Page - Texas Instruments SN7405D Datasheet HTML 3Page - Texas Instruments SN7405D Datasheet HTML 4Page - Texas Instruments SN7405D Datasheet HTML 5Page - Texas Instruments SN7405D Datasheet HTML 6Page - Texas Instruments SN7405D Datasheet HTML 7Page - Texas Instruments SN7405D Datasheet HTML 8Page - Texas Instruments SN7405D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SN54LS05, SN54S05
SN7405, SN74LS05, SN74S05
HEX INVERTERS WITH OPENCOLLECTOR OUTPUTS
SDLS030A − DECEMBER 1983 − REVISED NOVEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each inverter)
INPUT
OUTPUT
INPUT
A
OUTPUT
Y
H
L
L
H
logic diagram (positive logic)
1A
2A
3A
4A
5A
6A
1Y
2Y
3Y
4Y
5Y
6Y
1
3
5
9
11
13
2
4
6
8
10
12
Y = A
Pin numbers shown are for the D, DB, J, N, and NS packages.
The SN5405 is obsolete
and no longer is supplied.


유사한 부품 번호 - SN7405D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN7405D TI-SN7405D Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
SN7405D TI-SN7405D Datasheet
697Kb / 20P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
SN7405D TI1-SN7405D Datasheet
876Kb / 22P
[Old version datasheet]   HEX INVERTERS
SN7405DR TI-SN7405DR Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
SN7405DR TI-SN7405DR Datasheet
697Kb / 20P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
More results

유사한 설명 - SN7405D

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74LS04 RENESAS-HD74LS04 Datasheet
83Kb / 6P
   Hex Inverters / Hex Inverters (with Open Collector Outputs)
HD74LS04 RENESAS-HD74LS04_15 Datasheet
103Kb / 8P
   Hex Inverters / Hex Inverters (with Open Collector Outputs)
logo
Fairchild Semiconductor
DM7405 FAIRCHILD-DM7405 Datasheet
35Kb / 3P
   Hex Inverters with Open-Collector Outputs
DM74LS05 FAIRCHILD-DM74LS05 Datasheet
61Kb / 5P
   Hex Inverters with Open-Collector Outputs
logo
National Semiconductor ...
54LS05 NSC-54LS05 Datasheet
61Kb / 2P
   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
Texas Instruments
SN54LS05 TI-SN54LS05 Datasheet
697Kb / 20P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS04 HITACHI-HD74LS04 Datasheet
50Kb / 5P
   Hex Inverters(with Open Collector Outputs)
logo
Texas Instruments
SN54ALS05A TI-SN54ALS05A Datasheet
491Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS07 HITACHI-HD74LS07 Datasheet
53Kb / 6P
   Hex Buffers/Drivers(With Open Collector High-Voltage Ouputs)
logo
Texas Instruments
SN54LS06 TI-SN54LS06_95 Datasheet
91Kb / 4P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com