전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3727N 데이터시트(PDF) 6 Page - Texas Instruments

부품명 UC3727N
상세설명  Isolated High Side IGBT Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC3727N 데이터시트(HTML) 6 Page - Texas Instruments

  UC3727N Datasheet HTML 1Page - Texas Instruments UC3727N Datasheet HTML 2Page - Texas Instruments UC3727N Datasheet HTML 3Page - Texas Instruments UC3727N Datasheet HTML 4Page - Texas Instruments UC3727N Datasheet HTML 5Page - Texas Instruments UC3727N Datasheet HTML 6Page - Texas Instruments UC3727N Datasheet HTML 7Page - Texas Instruments UC3727N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ENABLE
ENBL provides an alternate means of controlling the out-
put. If ENBL is used as the primary input, B must be con-
nected to VCC and A to VEE. ENBL can be driven by the
output of an optoisolator from ENBL to COM as shown in
Figure 7. If ENBL is not used, it should be connected to
COM.
Figure 7. Using ENBL as Primary Input
EXTERNAL BIPOLAR SUPPLIES
If it is desired to drive an emitter grounded IGBT from ex-
ternal supplies, the configuration in Figure 8 should be
used. COM should never be connected to ground. VCC
must be
≥ 12V and VCC-VEE must be ≥ 23.5V.
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
•• MERRIMACK, NH 03054
TEL. (603) 424-2410
•• FAX (603) 424-3460
Figure 8. Using External Supplies
Figure 9. Input to Output Delay
UC1727
UC2727
UC3727
Figure 6. Desaturation Response
6


유사한 부품 번호 - UC3727N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3727 TI-UC3727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
More results

유사한 설명 - UC3727N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1727 TI-UC1727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725_12 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
logo
ON Semiconductor
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
   Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
NCD57001 ONSEMI-NCD57001_V01 Datasheet
519Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com