전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3948DV 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 SI3948DV
상세설명  Dual N-Channel Logic Level PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI3948DV 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  SI3948DV Datasheet HTML 1Page - Fairchild Semiconductor SI3948DV Datasheet HTML 2Page - Fairchild Semiconductor SI3948DV Datasheet HTML 3Page - Fairchild Semiconductor SI3948DV Datasheet HTML 4Page - Fairchild Semiconductor SI3948DV Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
April 2001
SI3948DV
Dual N-Channel Logic Level PowerTrench® MOSFET
General Description
Features
Absolute Maximum Ratings
T
A = 25°C unless otherwise note
Symbol
Parameter
Ratings
Units
V
DSS
Drain-Source Voltage
30
V
V
GSS
Gate-Source Voltage - Continuous
±20
V
I
D
Drain Current - Continuous
2.5
A
- Pulsed
10
P
D
Maximum Power Dissipation
(Note 1a)
0.96
W
(Note 1b)
0.9
(Note 1c)
0.7
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
130
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
60
°C/W
SI3948DV Rev.A
These N-Channel
Logic
Level
MOSFETs are
produced using Fairchild Semiconductor's advanced
PowerTrench process that has been especially tailored
to minimize the on-state resistance and yet maintain
low gate charge for superior switching performance.
These devices are well suited for all applications where
small size is desireable but especially low cost DC/DC
conversion in battery powered systems.
2.5 A, 30 V. R
DS(ON) = 0.095
@ V
GS = 10 V
R
DS(ON) = 0.145
@ V
GS = 4.5 V
Very fast switching.
Low gate charge (2.1nC typical).
SuperSOT
TM-6 package: small footprint (72% smaller than
standard SO-8); low profile (1mm thick).
SOIC-16
SOT-23
SuperSOT
TM-8
SO-8
SOT-223
SuperSOT
TM-6
D1
S2
G1
D2
S1
G2
SuperSOT -6
TM
pin 1
.561
1
5
3
2
6
4
© 2001 Fairchild Semiconductor Corporation


유사한 부품 번호 - SI3948DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3948DV VISHAY-SI3948DV Datasheet
85Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 23-Aug-99
SI3948DV VISHAY-SI3948DV Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3948DV-T1-GE3 VBSEMI-SI3948DV-T1-GE3 Datasheet
513Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI3948DV VISHAY-SI3948DV_V01 Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI3948DV

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6910 FAIRCHILD-FDS6910 Datasheet
112Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS6912A FAIRCHILD-FDS6912A_03 Datasheet
121Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS6930B FAIRCHILD-FDS6930B Datasheet
532Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
SI4920DY FAIRCHILD-SI4920DY Datasheet
217Kb / 5P
   Dual N-Channel, Logic Level, PowerTrench MOSFET
FDS8949_F085 FAIRCHILD-FDS8949_F085 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS8949 FAIRCHILD-FDS8949 Datasheet
342Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6910 KEXIN-KDS6910 Datasheet
67Kb / 2P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com