전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC16XSD200FK 데이터시트(PDF) 9 Page - Freescale Semiconductor, Inc

부품명 MC16XSD200FK
상세설명  Dual 16 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC16XSD200FK 데이터시트(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC16XSD200FK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
16XSD200
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS OF THE OUTPUT STAGE (HS0 AND HS1)
ON-Resistance, Drain-to-Source
(IHS = 3.0 A, TJ = 25 °C)
CSNS_ratio = 0
VPWR = 8.0 V
VPWR = 28 V
VPWR = 36 V
RDS(ON)25
16
16
16
m
ON-Resistance, Drain-to-Source (IHS = 3.0 A,TJ = 150 °C)
CSNS_ratio = 0
VPWR = 8.0 V
VPWR = 28 V
VPWR = 36 V
RDS(ON)150
29
29
29
m
ON-Resistance, Drain-to-Source difference from one channel to the other
in parallel mode (IHS = 1.0 A,TJ = 150 °C) CSNS_ratio = X
RDS(ON)150
-0.9
+0.9
m
ON-Resistance, Source-Drain (IHS = -3.0 A, TJ = 150 °C, VPWR = -24 V)
RSD(ON)150
29
m
Max. detectable wiring length (2.5 mm²) for severe short-circuit detection
(see Severe Short-circuit Fault (latchable fault)):
High slew rate selected
Medium slew rate selected:
Low slew rate selected:
LSHORT
50
100
200
130
260
500
300
600
1200
cm
Overcurrent Detection thresholds with CSNS_ratio bit = 0 (CSR0)
I_OCH1_0
I_OCH2_0
I_OCM1_0
I_OCM2_0
I_OCL1_0
I_OCL2_0
I_OCL3_0
27.5
17.5
10.8
6.7
4.5
3.0
1.5
33.0
21.0
13.0
8.0
5.4
3.6
1.8
38.5
24.5
15.2
9.3
6.3
4.2
2.1
A
Overcurrent Detection thresholds with CSNS_ratio bit = 1(CSR1)
I_OCH1_1
I_OCH2_1
I_OCM1_1
I_OCM2_1
I_OCL1_1
I_OCL2_1
I_OCL3_1
9.2
5.8
3.6
2.2
1.5
1.0
0.48
11.0
7.0
4.3
2.7
1.8
1.2
0.6
12.8
8.2
5.1
3.1
2.1
1.4
0.72
A
Output (HS[x]) leakage Current in sleep state (positive value = outgoing)
VHS,OFF = 0 V (VHS,OFF = output voltage in OFF state)
VHS,OFF = VPWR, device in sleep state (VPWR = 24 V)
IOUT_LEAK
-40.0
+5.0
+5.0
µA
Switch Turn-on threshold for Supply overvoltage (VPWR -GND)
VD_GND(CLAMP)
58
66
V
Switch turn-on threshold for Drain-Source overvoltage (measured at
IOUT = 500 mA
VDS(CLAMP)
58
66
V
Switch turn-on threshold for Drain-Source overvoltage difference from
one channel to the other in parallel mode (@ IHS = 500 mA)
VDS(CLAMP)
-2.0
+2.0
V
Table 3. Static Electrical Characteristics (continued)
Unless specified otherwise: 8.0 V
 VPWR  36 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V. Typical values are
average values evaluated under nominal conditions TA = 25 °C, VPWR = 28 V & VDD = 5.0 V, unless specified otherwise.
Parameter
Symbol
Min
Typ
Max
Unit


유사한 부품 번호 - MC16XSD200FK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
More results

유사한 설명 - MC16XSD200FK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
   Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com