전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G3208GW 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74AUP1G3208GW
상세설명  Low-power 3-input OR-AND gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G3208GW 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G3208GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74AUP1G3208
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 22 June 2012
8 of 19
NXP Semiconductors
74AUP1G3208
Low-power 3-input OR-AND gate
11. Dynamic characteristics
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
A, B or C to Y; see Figure 9
[2]
VCC = 0.8 V
-
18.5
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.2
5.4
10.6
2.2
10.9
11.1
ns
VCC = 1.4 V to 1.6 V
1.9
3.8
6.4
1.8
6.9
7.2
ns
VCC = 1.65 V to 1.95 V
1.5
3.1
5.1
1.4
5.6
5.9
ns
VCC = 2.3 V to 2.7 V
1.3
2.4
3.7
1.2
4.1
4.4
ns
VCC = 3.0 V to 3.6 V
1.2
2.2
3.2
1.1
3.4
3.6
ns
CL = 10 pF
tpd
propagation delay
A, B or C to Y; see Figure 9
[2]
VCC = 0.8 V
-
22.1
-
ns
VCC = 1.1 V to 1.3 V
2.6
6.3
12.4
2.5
12.8
13.1
ns
VCC = 1.4 V to 1.6 V
2.3
4.4
7.4
2.1
8.0
8.4
ns
VCC = 1.65 V to 1.95 V
2.0
3.6
5.9
1.8
6.4
6.8
ns
VCC = 2.3 V to 2.7 V
1.7
3.0
4.4
1.6
4.8
5.1
ns
VCC = 3.0 V to 3.6 V
1.6
2.7
3.9
1.4
4.2
4.4
ns
CL = 15 pF
tpd
propagation delay
A, B or C to Y; see Figure 9
[2]
VCC = 0.8 V
-
25.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.0
7.1
14.1
2.8
14.6
14.9
ns
VCC = 1.4 V to 1.6 V
2.6
5.0
8.4
2.4
9.1
9.5
ns
VCC = 1.65 V to 1.95 V
2.2
4.1
6.7
2.1
7.4
7.8
ns
VCC = 2.3 V to 2.7 V
2.0
3.4
5.0
1.9
5.5
5.9
ns
VCC = 3.0 V to 3.6 V
1.9
3.2
4.5
1.7
4.8
5.0
ns
CL = 30 pF
tpd
propagation delay
A, B or C to Y; see Figure 9
[2]
VCC = 0.8 V
-
34.1
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.9
9.3
18.9
3.7
19.7
20.1
ns
VCC = 1.4 V to 1.6 V
3.4
6.5
11.0
3.2
12.1
12.7
ns
VCC = 1.65 V to 1.95 V
3.0
5.4
8.9
2.9
9.7
10.3
ns
VCC = 2.3 V to 2.7 V
2.8
4.5
6.5
2.6
7.1
7.5
ns
VCC = 3.0 V to 3.6 V
2.6
4.3
5.8
2.4
6.4
6.7
ns


유사한 부품 번호 - 74AUP1G3208GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G3208GW PHILIPS-74AUP1G3208GW Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
74AUP1G3208GW NXP-74AUP1G3208GW Datasheet
94Kb / 16P
   Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP1G3208GW NEXPERIA-74AUP1G3208GW Datasheet
276Kb / 18P
   Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
More results

유사한 설명 - 74AUP1G3208GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
   Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
logo
Nexperia B.V. All right...
74AUP1G3208 NEXPERIA-74AUP1G3208 Datasheet
276Kb / 18P
   Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
logo
NXP Semiconductors
74AUP1G332 PHILIPS-74AUP1G332 Datasheet
67Kb / 18P
   Low-power 3-input OR gate
Rev.01.00-27 February2006
74AUP1G332 NXP-74AUP1G332 Datasheet
91Kb / 16P
   Low-power 3-input OR gate
Rev. 02-29 February 2008
logo
Nexperia B.V. All right...
74AUP1G332 NEXPERIA-74AUP1G332 Datasheet
252Kb / 16P
   Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com