전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4463DY 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 SI4463DY
상세설명  P-Channel 2.5V Specified PowerTrench MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4463DY 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  SI4463DY Datasheet HTML 1Page - Fairchild Semiconductor SI4463DY Datasheet HTML 2Page - Fairchild Semiconductor SI4463DY Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Si4463DY Rev A1(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = –250
µA, Referenced to 25°C
–12
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V,
VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 12 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –12 V,
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–0.6
–0.8
–1.5
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA, Referenced to 25°C
3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –4.5 V,
ID = –11.5 A
VGS = –2.5 V,
ID = –9.5 A
VGS= –4.5 V, ID = –11.5A, TJ=125
°C
10
14
13
12
17.5
18
m
ID(on)
On–State Drain Current
VGS = –4.5 V,
VDS = –5 V
–50
A
gFS
Forward Transconductance
VDS = –10 V,
ID = –10 A
49
S
Dynamic Characteristics
Ciss
Input Capacitance
4481
pF
Coss
Output Capacitance
1532
pF
Crss
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
540
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
15
30
ns
tr
Turn–On Rise Time
15
30
ns
td(off)
Turn–Off Delay Time
120
240
ns
tf
Turn–Off Fall Time
VDD = –5 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6
60
120
ns
Qg
Total Gate Charge
41
60
nC
Qgs
Gate–Source Charge
6.4
nC
Qgd
Gate–Drain Charge
VDS = –10 V,
ID = –11.5 A,
VGS = –4.5 V
11.8
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–2.1
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –1.5 A (Note 2)
–0.65
–1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 50°/W when
mounted on a 1in
2
pad of 2 oz copper
b) 105°/W when
mounted on a .04 in
2
pad of 2 oz copper
c) 125°/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


유사한 부품 번호 - SI4463DY

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI4463 ETC2-SI4463 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4463 ETC2-SI4463 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE
Si4463 SILABS-Si4463 Datasheet
859Kb / 56P
   HIGH-PERFORMANCE
Si4463 SILABS-Si4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
More results

유사한 설명 - SI4463DY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com