전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1519CJ 데이터시트(Datasheet) 7 Page - NXP Semiconductors

부품명 TDA1519CJ
상세내용  22 W BTL or 2 x 11 W stereo power amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 7 page
background image
2004 Jan 28
7
NXP Semiconductors
Product specification
22 W BTL or 2
 11 W
stereo power amplifier
TDA1519C
THERMAL CHARACTERISTICS
DC CHARACTERISTICS
VP =14.4V; Tamb =25 C; measured in circuit of Fig.6; unless otherwise specified.
Notes
1. The circuit is DC adjusted at VP = 6 to 17.5 V and AC operating at VP = 8.5 to 17.5 V.
2. At VP = 17.5 to 30 V, the DC output voltage is 0.5VP.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient;
TDA1519C, TDA1519CTH and TDA1519CTD
in free air
40
K/W
Rth(j-c)
thermal resistance from junction to case;
TDA1519C, TDA1519CTH and TDA1519CTD
3K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
6.0
14.4
17.5
V
Iq(tot)
total quiescent current
40
80
mA
VO
DC output voltage
note 2
6.95
V
V
OO
DC output offset voltage

250
mV
Mute/standby switch
Vsw(on)
switch-on voltage level
8.5

V
Vmute
mute voltage level
3.3
6.4
V
Vstb
standby voltage level
0
2V
Mute/standby condition
Vo
output voltage
mute mode; Vi = 1 V (maximum);
fi =20Hz to15kHz

20
mV
V
OO
DC output offset voltage
mute mode

250
mV
Istb
standby current
standby mode

100
A
Isw(on)
switch-on current
12
40
A




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl