전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1519C 데이터시트(Datasheet) 2 Page - NXP Semiconductors

부품명 TDA1519C
상세내용  22 W BTL or 2 x 11 W stereo power amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 2 page
background image
2004 Jan 28
2
NXP Semiconductors
Product specification
22 W BTL or 2
 11 W
stereo power amplifier
TDA1519C
FEATURES
 Requires very few external components for Bridge-Tied
Load (BTL) operation
 Stereo or BTL application
 High output power
 Low offset voltage at output (important for BTL
applications)
 Fixed gain
 Good ripple rejection
 Mute/standby switch
 Load dump protection
 AC and DC short-circuit safe to ground and V
P
 Thermally protected
 Reverse polarity safe
 Capability to handle high energy on outputs (V
P =0V)
 No switch-on/switch-off plops
 Protected against electrostatic discharge
 Low thermal resistance
 Identical inputs (inverting and non-inverting)
 Pin compatible with TDA1519B (TDA1519C and
TDA1519CSP).
GENERAL DESCRIPTION
The TDA1519C is an integrated class-B dual output
amplifier in a 9-lead plastic single in-line power package or
20-lead heatsink small outline package.
For the TDA1519CTH (SOT418-3), the heatsink is
positioned on top of the package, which allows an external
heatsink to be mounted on top. The heatsink of the
TDA1519CTD (SOT397-1) is facing the PCB, allowing the
heatsink to be soldered onto the copper area of the PCB.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1519C
SIL9P
plastic single in-line power package; 9 leads
SOT131-2
TDA1519CSP
SMS9P
plastic surface mounted single in-line power package; 9 leads
SOT354-1
TDA1519CTD
HSOP20
plastic, heatsink small outline package; 20 leads
SOT397-1
TDA1519CTH
HSOP20
plastic, heatsink small outline package; 20 leads; low stand-off height
SOT418-3




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl