전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1519C 데이터시트(Datasheet) 10 Page - NXP Semiconductors

부품명 TDA1519C
상세내용  22 W BTL or 2 x 11 W stereo power amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 10 page
background image
2004 Jan 28
10
NXP Semiconductors
Product specification
22 W BTL or 2
 11 W
stereo power amplifier
TDA1519C
APPLICATION INFORMATION
2200
µF
1000
µF
100 µF
100
nF
220 nF
60 kW
input
reference
voltage
40 dB
+
-
1
220 nF
60 kW
40 dB
-
+
9
54
6
inverting input
non-inverting input
internal
1/2 VP
VP
power
ground
2
signal
ground
TDA1519C
38
7
standby switch
mgl493
Fig.6 Stereo application diagram (TDA1519C).
2200
µF
100
nF
220 nF
60 kW
RL = 4 W
input
reference
voltage
40 dB
+
-
1
60 kW
40 dB
-
+
9
54
6
non-inverting input
to pin 9
internal
1/2 VP
VP
power
ground
2
signal
ground
TDA1519C
38
7
standby switch
mgl494
to pin 1
Fig.7 BTL application diagram (TDA1519C).




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl