전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1519CTD 데이터시트(Datasheet) 8 Page - NXP Semiconductors

부품명 TDA1519CTD
상세내용  22 W BTL or 2 x 11 W stereo power amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 8 page
background image
2004 Jan 28
8
NXP Semiconductors
Product specification
22 W BTL or 2
 11 W
stereo power amplifier
TDA1519C
AC CHARACTERISTICS
VP =14.4V; RL =4 ; f = 1 kHz; Tamb =25 C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Stereo application (see Fig.6)
Po
output power
note 1
THD = 0.5 %
4
5
W
THD = 10 %
5.5
6.0
W
RL =2 ; note 1
THD = 0.5 %
7.5
8.5
W
THD = 10 %
10
11
W
THD
total harmonic distortion
Po =1W
0.1
%
fro(l)
low frequency roll-off
3dB; note2
45
Hz
fro(h)
high frequency roll-off
1dB
20

kHz
Gv(cl)
closed-loop voltage gain
39
40
41
dB
SVRR
supply voltage ripple rejection
on; notes 3 and 4
40

dB
on; notes 3 and 5
45

dB
mute; notes 3 and 6
45

dB
standby; notes 3
and 6
80

dB
Z
i
input impedance
50
60
75
k
Vn(o)(rms)
noise output voltage (RMS value)
note 7
on; RS =0 
150
V
on; RS =10k
250
500
V
mute; note 8
120
V
cs
channel separation
RS =10k
40

dB
G
v(ub)
channel unbalance
0.1
1
dB
BTL application (see Fig.7)
Po
output power
note 1
THD = 0.5 %
15
17
W
THD = 10 %
20
22
W
VP = 13.2 V; note 1
THD = 0.5 %
13
W
THD = 10 %
17.5
W
THD
total harmonic distortion
Po =1W
0.1
%
Bp
power bandwidth
THD = 0.5 %;
Po = 1 dB; with
respect to 15 W
35 to 15000
Hz
fro(l)
low frequency roll-off
1dB; note2
45
Hz
fro(h)
high frequency roll-off
1dB
20

kHz
Gv(cl)
closed-loop voltage gain
45
46
47
dB




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl