전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1562Q 데이터시트(Datasheet) 7 Page - NXP Semiconductors

부품명 TDA1562Q
상세내용  70 W high efficiency power amplifier with diagnostic facility
PDF  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 7 page
background image
2003 Feb 12
7
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
Fig.3 Switching characteristics.
handbook, full pagewidth
on
mute
0
supply
voltage
reference
voltage
mode select
input
status I/O
input
HIGH
MID
LOW
HIGH
MID
class-H (Tc < 120 °C)
class-B (Tc > 120 °C)
LOW
status I/O
output
HIGH
MID
LOW
Vref
VRT
0
output voltage
across load
0
zero crossing change
class-B/H operation
zero crossing mute
function
fast mute
function
quick start
mute
supply mute
function
MGL272




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl