전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1562ST 데이터시트(PDF) 19 Page - NXP Semiconductors

부품명 TDA1562ST
상세설명  70 W high efficiency power amplifier with diagnostic facility
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1562ST 데이터시트(HTML) 19 Page - NXP Semiconductors

Back Button TDA1562ST Datasheet HTML 15Page - NXP Semiconductors TDA1562ST Datasheet HTML 16Page - NXP Semiconductors TDA1562ST Datasheet HTML 17Page - NXP Semiconductors TDA1562ST Datasheet HTML 18Page - NXP Semiconductors TDA1562ST Datasheet HTML 19Page - NXP Semiconductors TDA1562ST Datasheet HTML 20Page - NXP Semiconductors TDA1562ST Datasheet HTML 21Page - NXP Semiconductors TDA1562ST Datasheet HTML 22Page - NXP Semiconductors TDA1562ST Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
2003 Feb 12
19
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
UNIT
A
e 1
A2
bp
cD(1)
E(1)
Z (1)
de
Dh
LL1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
13.5
4.6
4.4
0.75
0.60
0.48
0.38
24.0
23.6
20.0
19.6
10
2.54
12.2
11.8
1.27
e 2
2.54
3.75
3.15
Eh
6
2.00
1.45
2.1
1.9
3.4
3.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
3.75
3.15
SOT668-2
0
5
10 mm
scale
Q
j
0.4
w
0.6
v
0.03
x
D
E
A
L1
QL
c
A2
w M
b p
1
d
Z
e
2
e
e
1
17
j
01-01-05
RDBS17P: plastic rectangular-DIL-bent-SIL (reverse bent) power package; 17 leads
(row spacing 2.54 mm)
SOT668-2
v M
D
x
h
Eh
non-concave
view B: mounting base side
B


유사한 부품 번호 - TDA1562ST

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
More results

유사한 설명 - TDA1562ST

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
logo
STMicroelectronics
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
137Kb / 11P
   45W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
October 1998
E-TDA7396 STMICROELECTRONICS-E-TDA7396 Datasheet
285Kb / 11P
   45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
logo
Sanyo Semicon Device
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
logo
Tyco Electronics
AM52-0001 MACOM-AM52-0001 Datasheet
79Kb / 6P
   1.2 W High Efficiency Power Amplifier 800 - 960 MHz
logo
Qorvo, Inc
QPA9903 QORVO-QPA9903_V01 Datasheet
1Mb / 14P
   1805-1880MHz 4 W High-Efficiency Amplifier
Aug. 10th, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com