전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4822DY 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 SI4822DY
상세설명  Single N-Channel, Logic Level, PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4822DY 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  SI4822DY Datasheet HTML 1Page - Fairchild Semiconductor SI4822DY Datasheet HTML 2Page - Fairchild Semiconductor SI4822DY Datasheet HTML 3Page - Fairchild Semiconductor SI4822DY Datasheet HTML 4Page - Fairchild Semiconductor SI4822DY Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
January 2001
Si4822DY
Single N-Channel, Logic Level, PowerTrench® MOSFET
GeneralDescription
Features
Absolute Maximum Ratings T
A = 25
oC unless other wise noted
Symbol
Parameter
Si4822DY
Units
V
DSS
Drain-Source Voltage
30
V
V
GSS
Gate-Source Voltage
±20
V
I
D
Drain Current - Continuous
(Note 1a)
12.5
A
- Pulsed
50
P
D
Power Dissipation for Single Operation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Si4822DY Rev.A
12.5 A, 30 V. R
DS(ON) = 0.0095
@ V
GS = 10 V
R
DS(ON) = 0.013
@ V
GS = 4.5 V.
Fast switching speed.
Low gate charge.
High performance trench technology for
extremely low R
DS(ON).
High power and current handling capability.
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
This N-Channel
Logic
Level MOSFET is produced
using Fairchild Semiconductor's advanced PowerTrench
process that has been especially tailored to minimize
the on-state resistance and yet maintain superior
switching performance.
These devices are well suited for low voltage and battery
powered applications where low in-line power loss and
fast switching are required.
1
6
7
8
2
4
3
5
© 2001 Fairchild Semiconductor International
S
D
S
S
SO-8
D
D
D
G
pin 1
48
22


유사한 부품 번호 - SI4822DY

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4822 SILABS-SI4822 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4822 SILABS-SI4822 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI4822 SILABS-SI4822 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
SI4822-A10 SILABS-SI4822-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4822-DEMO SILABS-SI4822-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
More results

유사한 설명 - SI4822DY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6680A FAIRCHILD-FDS6680A Datasheet
102Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDC655BN FAIRCHILD-FDC655BN Datasheet
528Kb / 6P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A_07 Datasheet
67Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
SI4410DY FAIRCHILD-SI4410DY Datasheet
239Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6670A FAIRCHILD-FDS6670A_03 Datasheet
138Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDM6296 FAIRCHILD-FDM6296 Datasheet
471Kb / 6P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDS4410A FAIRCHILD-FDS4410A Datasheet
112Kb / 5P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
SI4412DY FAIRCHILD-SI4412DY Datasheet
267Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6612A FAIRCHILD-FDS6612A_03 Datasheet
164Kb / 7P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com