전자부품 데이터시트 검색엔진 |
|
KMDR160 데이터시트(PDF) 8 Page - Murata Manufacturing Co., Ltd. |
|
KMDR160 데이터시트(HTML) 8 Page - Murata Manufacturing Co., Ltd. |
8 / 44 page 2.2 1.2 Tolerance: ±0.1 in mm c Land Pattern t3 t2 T3 T2 T5 T4 T1 time (s) t1 Reflow Soldering Profile qSoldering profile for Lead-free solder (96.5Sn/3Ag/0.5Cu) Standard Profile Pre-heating Heating Peak temperature (T3) Cycle of reflow Temp. (T1) Time (t1) Temp. (T2) Time (t2) 2 times 245±3°C 150 to 180°C 60 to 120sec. 220°C 30 to 60sec. Limit Profile Standard Profile Standard Profile Pre-heating Heating Cycle of reflow Temp. (T1) Time (t1) Temp. (T2) Time (t2) 1 time 230 +5/-0°C 150°C 60 to 120sec. 183°C 30sec. Limit Profile Pre-heating Heating Cycle of reflow Temp. (T1) Time (t1) Temp. (T4) Time (t3) 2 times 260 +5/-0°C 150 to 180°C 60 to 120sec. 230°C 30 to 50sec. time (s) Standard Profile t1 T1 t2 T3 T2 wSoldering profile for Eutectic solder (63Sn/37Pb) (Limit profile: refer to q) Soldering Iron Standard Profile Temperature of soldering iron tip Soldering time Soldering iron power output 350±10°C 3sec. max. 30W max. 1 time Cycle of soldering iron Peak temperature (T5) Peak temperature (T3) c Temperature Profile c Notice (Storage and Operating Conditions) 6 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 1 1. Do not use the trimmer capacitor under atmosphere of RTV silicone rubber (Room Temperature Vulcanizing Silicone Rubber) except Acetone liberating silicone sealant. 2. Before using trimmer capacitors, please store under the conditions of -10 to +40°C and 30 to 85%RH. 3. Do not store in or near corrosive gasses. 4. Use within 6 months of delivery. 5. Do not store under direct sunlight. 6. Do not use the trimmer capacitor under the conditions listed below. (1) Corrosive gasses atmosphere (ex. Chlorine gas, Hydrogen sulfide gas, Ammonia gas, Sulfuric acid gas, Nitric oxide gas, etc.) (2) In liquid (ex. water, oil, medical liquid, organic solvent, etc.) (3) Dusty / dirty atmosphere (4) Direct sunlight (5) Static voltage or electric/magnetic fields (6) Direct sea breeze (7) Other variations of the above |
유사한 부품 번호 - KMDR160 |
|
유사한 설명 - KMDR160 |