전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6966 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 SI6966
상세설명  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6966 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  SI6966 Datasheet HTML 1Page - Fairchild Semiconductor SI6966 Datasheet HTML 2Page - Fairchild Semiconductor SI6966 Datasheet HTML 3Page - Fairchild Semiconductor SI6966 Datasheet HTML 4Page - Fairchild Semiconductor SI6966 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SI6966DQ Rev. A (W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA,Referenced to 25°C
14
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 12 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –12 V
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
0.6
0.8
1.5
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA,Referenced to 25°C
–3.2
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 5.5 A
VGS = 2.5 V,
ID = 4.2 A
VGS = 4.5 V, ID = 5.5A, TJ=125
°C
17
24
23
21
35
34
m
ID(on)
On–State Drain Current
VGS = 4.5 V,
VDS = 5 V
30
A
gFS
Forward Transconductance
VDS = 5 V,
ID = 5.5 A
26
S
Dynamic Characteristics
Ciss
Input Capacitance
1082
pF
Coss
Output Capacitance
277
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V,
V GS = 0 V,
f = 1.0 MHz
130
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
8
20
ns
tr
Turn–On Rise Time
8
27
ns
td(off)
Turn–Off Delay Time
24
38
ns
tf
Turn–Off Fall Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6
8
16
ns
Qg
Total Gate Charge
12
17
nC
Qgs
Gate–Source Charge
2
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 5.5 A,
VGS = 4.5 V
3
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
0.83
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 0.83 A (Note 2)
0.7
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA is 125°C/W (steady state) when mounted on a 1 inch² copper pad on FR-4.
b) RθJA is 208 °C/W (steady state) when mounted on a minimum copper pad on FR-4.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


유사한 부품 번호 - SI6966

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6966DQ VISHAY-SI6966DQ Datasheet
104Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 02-Jun-08
SI6966DQ VISHAY-SI6966DQ Datasheet
103Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI6966DQ-T1-GE3 VBSEMI-SI6966DQ-T1-GE3 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI6966DQ VISHAY-SI6966DQ_V01 Datasheet
103Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6966EDQ VISHAY-SI6966EDQ Datasheet
198Kb / 3P
   N-Channel 2.5-V (G-S) MOSFET, ESD Protected
22-Oct-04
More results

유사한 설명 - SI6966

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com