전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM158AHRLQMLV 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 LM158AHRLQMLV
상세설명  LM158QML Low Power Dual Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM158AHRLQMLV 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM158AHRLQMLV Datasheet HTML 3Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 4Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 5Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 6Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 7Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 8Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 9Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 10Page - Texas Instruments LM158AHRLQMLV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LM158QML
www.ti.com
SNOSAP3F – JULY 2005 – REVISED MARCH 2013
SMD 5962–8771002, High Dose Rate
DC Drift Parameters
The following conditions apply, unless otherwise specified.
All voltages referenced to device ground.
Delta calculations are performed on QMLV devices at Group B, Subgroup 5 only.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
VIO
Input Offset Voltage
+VCC = 30V, VCM = 0V,
-0.5
0.5
mV
1
RS = 50Ω, VO = 1.4V
+VCC = 30V, VCM = 28.5V,
-0.5
0.5
mV
1
RS = 50Ω, VO = 1.4V
+VCC = 5V, VCM = 0V,
-0.5
0.5
mV
1
RS = 50Ω, VO = 1.4V
±IIB
Input Bias Current
+VCC = 5V, VCM = 0V
See(1)
-10
10
nA
1
(1)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
SMD 5962–8771002, High Dose Rate SMD 5962–8771002, High Dose Rate
100K Post Radiation Limits @ +25°C
(1)
DC Parameters
The following conditions apply, unless otherwise specified.
All voltages referenced to device ground.
Parameter
Test Conditions
Notes
Min
Max
Units
Sub -
groups
VIO
Input Offset Voltage
+VCC = 30V, VCM = 0V,
See(1)
-4.0
4.0
mV
1
RS = 50Ω, VO = 1.4V
+VCC = 30V, VCM = 28.5V,
See(1)
-4.0
4.0
mV
1
RS = 50Ω, VO = 1.4V
+VCC = 5V, VCM = 0V,
See(1)
-4.0
4.0
mV
1
RS = 50Ω, VO = 1.4V
±IIB
Input Bias Current
+VCC = 5V, VCM = 0V
See(1)(2)
-60
-1.0
nA
1
ICC
Power Supply Current
+VCC = 5V, RL = 100K,
See(1)
1.5
mA
1
VO = 1.4V
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate
sensitivity. Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, per
Test Method 1019, Condition A.
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
LM158A Electrical Characteristics
SMD 5962–8771003 ELDRS Free Only
DC Parameters
The following conditions apply, unless otherwise specified.
All voltages referenced to device ground.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
ICC
Power Supply Current
+VCC = 5V, RL = 100K,
1.2
mA
1, 2, 3
VO = 1.4V
+VCC = 30V, RL = 100K,
3.0
mA
1,
VO = 1.4V
4.0
2, 3
VOH
Output Voltage High
+VCC = 30V, RL = 2KΩ
26
V
1, 2, 3
+VCC = 30V, RL = 10KΩ
27
V
1, 2, 3
VOL
Output Voltage Low
+VCC = 30V, RL = 10KΩ
40
mV
1
100
mV
2, 3
+VCC = 30V, ISink = 1µA
40
mV
1
100
mV
2, 3
+VCC = 5V, RL = 10KΩ
40
mV
1
100
mV
2, 3
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM158QML


유사한 부품 번호 - LM158AHRLQMLV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM158AHRLQMLV TI1-LM158AHRLQMLV Datasheet
962Kb / 30P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
LM158AHRLQMLV TI1-LM158AHRLQMLV Datasheet
1,012Kb / 30P
[Old version datasheet]   Low Power Dual Operational Amplifiers
LM158AHRLQMLV TI1-LM158AHRLQMLV Datasheet
1,004Kb / 30P
[Old version datasheet]   Low Power Dual Operational Amplifiers
More results

유사한 설명 - LM158AHRLQMLV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM158QML TI1-LM158QML Datasheet
404Kb / 28P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
5962R8771003VXA TI1-5962R8771003VXA Datasheet
962Kb / 30P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com