전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC8830ICDG4 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC8830ICDG4
상세설명  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8830ICDG4 데이터시트(HTML) 2 Page - Texas Instruments

  DAC8830ICDG4 Datasheet HTML 1Page - Texas Instruments DAC8830ICDG4 Datasheet HTML 2Page - Texas Instruments DAC8830ICDG4 Datasheet HTML 3Page - Texas Instruments DAC8830ICDG4 Datasheet HTML 4Page - Texas Instruments DAC8830ICDG4 Datasheet HTML 5Page - Texas Instruments DAC8830ICDG4 Datasheet HTML 6Page - Texas Instruments DAC8830ICDG4 Datasheet HTML 7Page - Texas Instruments DAC8830ICDG4 Datasheet HTML 8Page - Texas Instruments DAC8830ICDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DAC8830
DAC8831
SLAS449D – FEBRUARY 2005 – REVISED SEPTEMBER 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
MINIMUM
POWER-
RELATIVE
DIFFERENTIAL
ON
SPECIFIED
TRANSPORT
ACCURACY
NONLINEARITY
RESET
TEMPERATURE
PACKAGE
PACKAGE-
PACKAGE
ORDERING
MEDIA,
PRODUCT
(LSB)
(LSB)
VALUE
RANGE
MARKING
LEAD
DESIGNATOR
NUMBER
QUANTITY
DAC8830ID
Tubes, 75
DAC8830ID
±4
±1
Zero Code
–40
°C to +85°C
8830I
SO-8
D
DAC8830IDR
Tape and Reel, 2500
DAC8830IBD
Tubes, 75
DAC8830IBD
±2
±1
Zero Code
–40
°C to +85°C
8830I
SO-8
D
DAC8830IBDR
Tape and Reel, 2500
DAC8830ICD
Tubes, 75
DAC8830ICD
±1
±1
Zero Code
–40
°C to +85°C
8830I
SO-8
D
DAC8830ICDR
Tape and Reel, 2500
DAC8831ID
Tube, 50
DAC8831ID
±4
±1
Zero Code
–40
°C to +85°C
8831I
SO-14
D
DAC8831IDR
Tape and Reel, 2500
DAC8831IBD
Tube, 50
DAC8831IBD
±2
±1
Zero Code
–40
°C to +85°C
8831I
SO-14
D
DAC8831IBDR
Tape and Reel, 2500
DAC8831ICD
Tube, 50
DAC8831ICD
±1
±1
Zero Code
–40
°C to +85°C
8831I
SO-14
D
DAC8831ICDR
Tape and Reel, 2500
DAC8831IRGYT
Tape and Reel, 250
DAC8831IRGY
±4
±1
Zero Code
–40
°C to +85°C
8831I
QFN-14
RGY
DAC8831IRGYR
Tape and Reel, 1000
DAC8831IBRGYT
Tape and Reel, 250
DAC8831IBRGY
±2
±1
Zero Code
–40
°C to +85°C
8831I
QFN-14
RGY
DAC8831IBRGYR
Tape and Reel, 1000
DAC8831ICRGYT
Tape and Reel, 250
DAC8831ICRGY
±1
±1
Zero Code
–40
°C to +85°C
8831I
QFN-14
RGY
DAC8831ICRGYR
Tape and Reel, 1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI
website at www.ti.com.
Over operating free-air temperature range (unless otherwise noted)
(1)
DAC8830, DAC8831
UNIT
VDD to AGND
–0.3 to +7
V
Digital input voltage to DGND
–0.3 to +VDD + 0.3
V
VOUT to AGND
–0.3 to +VDD + 0.3
V
AGND, AGNDF, AGNDS to DGND
–0.3 to +0.3
V
Operating temperature range
–40 to +85
°C
Storage temperature range
–65 to +150
°C
Junction temperature range (TJ max)
+150
°C
Power dissipation
(TJ max - TA) / θJA
W
QFN-14
54.9
°C/W
Thermal impedance,
θJA
SO-8
136.9
°C/W
SO-14
66.6
°C/W
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): DAC8830 DAC8831


유사한 부품 번호 - DAC8830ICDG4

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC8830ICD BURR-BROWN-DAC8830ICD Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830ICDR BURR-BROWN-DAC8830ICDR Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
More results

유사한 설명 - DAC8830ICDG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com