전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC8831IBRGYT 데이터시트(PDF) 11 Page - Texas Instruments

부품명 DAC8831IBRGYT
상세설명  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8831IBRGYT 데이터시트(HTML) 11 Page - Texas Instruments

Back Button DAC8831IBRGYT Datasheet HTML 7Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 8Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 9Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 10Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 11Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 12Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 13Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 14Page - Texas Instruments DAC8831IBRGYT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.ti.com
5V/div
0.1V/div
Time(0.5ms/div)
LDAC
V
OUT
V
REF
=2.5V
Time(0.5 s/div)
m
V
=2.5V
REF
LDAC
V
OUT
5V/div
0.1V/div
Time(0.2 s/div)
m
V
=2.5V
REF
LDAC
V
OUT
5V/div
1V/div
Time(0.2ms/div)
V
REF
=2.5V
LDAC
V
OUT
5V/div
1V/div
Time (50ns/div)
V
REF = 2.5 V
SDI
V
OUT
5V/div
20mV/div
DAC8830
DAC8831
SLAS449D – FEBRUARY 2005 – REVISED SEPTEMBER 2007
TYPICAL CHARACTERISTICS: VDD = +5 V (continued)
At TA = +25°C and VREF = +2.5 V, unless otherwise noted.
MAJOR-CARRY GLITCH
MAJOR-CARRY GLITCH
(FALLING)
(RISING)
Figure 21.
Figure 22.
DAC SETTLING TIME
DAC SETTLING TIME
(FALLING)
(RISING)
Figure 23.
Figure 24.
DIGITAL
FEEDTHROUGH
Figure 25.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC8830 DAC8831


유사한 부품 번호 - DAC8831IBRGYT

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC8831IBRGYT BURR-BROWN-DAC8831IBRGYT Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
More results

유사한 설명 - DAC8831IBRGYT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com