전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS9013D 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 SS9013D
상세설명  1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS9013D 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  SS9013D Datasheet HTML 1Page - Fairchild Semiconductor SS9013D Datasheet HTML 2Page - Fairchild Semiconductor SS9013D Datasheet HTML 3Page - Fairchild Semiconductor SS9013D Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A3, May 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Current Gain Bandwidth Product
0
1020
304050
0
2
4
6
8
10
12
14
16
18
20
I
B = 160µA
I
B = 140µA
I
B = 120µA
I
B = 100µA
I
B = 80µA
I
B = 60µA
I
B = 40µA
I
B = 20µA
V
CE [V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
10000
1
10
100
1000
VCE = 1V
IC [mA], COLLECTOR CURRENT
1
10
100
1000
10000
10
100
1000
10000
I
C = 10 IB
V
BE (sat)
V
CE (sat)
I
C [mA], COLLECTOR CURRENT
1
10
100
1000
10000
1
10
100
1000
VCE = 6V
IC [mA], COLLECTOR CURRENT


유사한 부품 번호 - SS9013D

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SS9011 FAIRCHILD-SS9011 Datasheet
61Kb / 4P
   AM Converter, AM/FM IF Amplifier General Purpose Transistor
logo
Samsung semiconductor
SS9012 SAMSUNG-SS9012 Datasheet
219Kb / 6P
   PNP (1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION)
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012 FAIRCHILD-SS9012 Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
More results

유사한 설명 - SS9013D

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
9013 UTC-9013_11 Datasheet
94Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
List of Unclassifed Man...
2SA9012 ETC-2SA9012 Datasheet
74Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH PULL OPERATION
2SC9013 ETC-2SC9013 Datasheet
81Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Fairchild Semiconductor
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
Unisonic Technologies
MMBT9013 UTC-MMBT9013 Datasheet
106Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
MMBT9012 UTC-MMBT9012 Datasheet
99Kb / 3P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
9013 UTC-9013_2 Datasheet
110Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
MMBT9013 UTC-MMBT9013_11 Datasheet
149Kb / 3P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Samsung semiconductor
SS9012 SAMSUNG-SS9012 Datasheet
219Kb / 6P
   PNP (1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com