전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8351 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8351
상세설명  Low Distortion Differential RF/IF Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8351 데이터시트(HTML) 4 Page - Analog Devices

  AD8351 Datasheet HTML 1Page - Analog Devices AD8351 Datasheet HTML 2Page - Analog Devices AD8351 Datasheet HTML 3Page - Analog Devices AD8351 Datasheet HTML 4Page - Analog Devices AD8351 Datasheet HTML 5Page - Analog Devices AD8351 Datasheet HTML 6Page - Analog Devices AD8351 Datasheet HTML 7Page - Analog Devices AD8351 Datasheet HTML 8Page - Analog Devices AD8351 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
AD8351
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8351 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage VPOS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
PWUP Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VPOS
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . 320 mW
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125
°C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
1
AD8351
PWUP
RGP1
INHI
INLO
RGP2
VOCM
VPOS
OPHI
OPLO
COMM
2
3
4
5
10
9
8
7
6
TOP VIEW
(Not to Scale)
ORDERING GUIDE
Model
Temp. Range
Package Description
Package Option
Branding
AD8351ARM
–40
°C to +85°C
10-Lead MSOP, 7" Tape and Reel
RM-10
JDA
AD8351ARM-R2
–40
°C to +85°C
10-Lead MSOP, 7" Tape and Reel
RM-10
JDA
AD8351ARM-REEL7
–40
°C to +85°C
10-Lead MSOP, 7" Tape and Reel
RM-10
JDA
AD8351-EVAL
Evaluation Board
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1PWUP
Apply a positive voltage (1.3 V
≤ V
PWUP
≤ VPOS ) to activate device.
2
RGP1
Gain Resistor Input 1.
3
INHI
Balanced Differential Input. Biased to midsupply, typically ac-coupled
4
INLO
Balanced Differential Input. Biased to midsupply, typically ac-coupled.
5
RGP2
Gain Resistor Input 2.
6
COMM
Device Common. Connect to low impedance ground.
7
OPLO
Balanced Differential Output. Biased to VOCM, typically ac-coupled.
8
OPHI
Balanced Differential Output. Biased to VOCM, typically ac-coupled.
9
VPOS
Positive Supply Voltage. 3 V to 5.5 V.
10
VOCM
Voltage applied to this pin sets the common-mode voltage at both the input and output.
Typically decoupled to ground with a 0.1
µF capacitor.


유사한 부품 번호 - AD8351

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351-EVAL AD-AD8351-EVAL Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351ACPZ-R7 AD-AD8351ACPZ-R7 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARM AD-AD8351ARM Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351ARM-R2 AD-AD8351ARM-R2 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
More results

유사한 설명 - AD8351

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. A
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352 Datasheet
410Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com