전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8351ARM 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8351ARM
상세설명  Low Distortion Differential RF/IF Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8351ARM 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8351ARM Datasheet HTML 2Page - Analog Devices AD8351ARM Datasheet HTML 3Page - Analog Devices AD8351ARM Datasheet HTML 4Page - Analog Devices AD8351ARM Datasheet HTML 5Page - Analog Devices AD8351ARM Datasheet HTML 6Page - Analog Devices AD8351ARM Datasheet HTML 7Page - Analog Devices AD8351ARM Datasheet HTML 8Page - Analog Devices AD8351ARM Datasheet HTML 9Page - Analog Devices AD8351ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
AD8351
FREQUENCY (MHz)
0
250
–70
–90
–60
–80
–50
–40
–30
25
50
75
100
125
150
175
200
225
–100
–45
–55
–65
–75
–85
–95
–105
–115
HD2
HD3
HD3
HD2
DIFFERENTIAL INPUT
TPC 7. Harmonic Distortion vs. Frequency for 2 V p-p
into RL = 1 k
Ω (AV = 10 dB, at 3 V and 5 V Supplies)
FREQUENCY (MHz)
0
250
–40
–60
–30
–50
–20
–10
0
25
50
75
100
125
150
175
200
225
–70
–20
–30
–40
–50
–60
–70
–80
–90
–80
–90
–100
–110
HD3
HD2
HD2
HD3
DIFFERENTIAL INPUT
TPC 8. Harmonic Distortion vs. Frequency for 2 V p-p into
RL = 150
Ω (AV = 10 dB, at 3 V and 5 V Supplies)
FREQUENCY (MHz)
0
250
2.80
2.70
2.85
2.75
2.90
2.95
3.00
50
100
150
200
2.65
2.60
2.55
2.50
TPC 9. Noise Spectral Density (RTI) vs. Frequency
(RL = 150
Ω, 5 V Supply, AV = 10 dB)
FREQUENCY (MHz)
0
100
–70
–80
–65
–75
–60
–55
–50
10
40
60
80
–85
–90
–95
–100
20
30
50
70
90
HD3
HD3
HD2
SINGLE-ENDED INPUT
TPC 10. Harmonic Distortion vs. Frequency for 2 V p-p
into RL = 1 k
Ω Using Single-Ended Input (AV = 10 dB)
FREQUENCY (MHz)
0
100
–70
–80
–65
–75
–60
–55
–50
10
40
60
80
–85
–90
–95
–100
20
30
50
70
90
HD2
HD3
SINGLE-ENDED INPUT
TPC 11. Harmonic Distortion vs. Frequency for 2 V p-p
into RL = 150
Ω Using Single-Ended Input (AV = 10 dB)
FREQUENCY (MHz)
0
250
2.80
2.70
2.85
2.75
2.90
2.95
3.00
50
100
150
200
2.65
2.60
2.55
2.50
TPC 12. Noise Spectral Density (RTI) vs. Frequency
(RL = 150
Ω, 3 V Supply, AV = 10 dB)


유사한 부품 번호 - AD8351ARM

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8351ARM AD-AD8351ARM Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351ARM-R2 AD-AD8351ARM-R2 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351ARM-REEL7 AD-AD8351ARM-REEL7 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
More results

유사한 설명 - AD8351ARM

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. A
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352 Datasheet
410Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com