전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8381JSTZ 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8381JSTZ
상세설명  Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8381JSTZ 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8381JSTZ Datasheet HTML 4Page - Analog Devices AD8381JSTZ Datasheet HTML 5Page - Analog Devices AD8381JSTZ Datasheet HTML 6Page - Analog Devices AD8381JSTZ Datasheet HTML 7Page - Analog Devices AD8381JSTZ Datasheet HTML 8Page - Analog Devices AD8381JSTZ Datasheet HTML 9Page - Analog Devices AD8381JSTZ Datasheet HTML 10Page - Analog Devices AD8381JSTZ Datasheet HTML 11Page - Analog Devices AD8381JSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
AD8381
–8–
INPUT CODE
0.5
0
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
256
512
768
1023
TPC 13. Differential Nonlinearity (DNL) vs. Code, INV = H
INPUT CODE
0.5
0
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
256
512
768
1023
TPC 14. Integral Nonlinearity (INL) vs. Code, INV = H
VMID – V
5
5
0
–5
–10
–15
–20
–25
67
11
10
89
TPC 15. Normalized VDE at Code 0 vs. VMID, AVCC = 15.5 V
INPUT CODE
0.5
0
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
256
512
768
1023
TPC 16. Differential Nonlinearity (DNL) vs. Code, INV = L
INPUT CODE
0.5
0
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
256
512
768
1023
TPC 17. Integral Nonlinearity (INL) vs. Code, INV = L
FREQUENCY – Hz
0
10k
–20
–40
–60
–80
100k
1M
5M
CODE 512, INV = LOW
CODE 512, INV = HIGH
TPC 18. AVCC Power Supply Rejection vs. Frequency


유사한 부품 번호 - AD8381JSTZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8381 AD-AD8381 Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8381 AD-AD8381 Datasheet
358Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output
REV. B
AD8381AST AD-AD8381AST Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8381AST-REEL AD-AD8381AST-REEL Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8381 AD-AD8381_15 Datasheet
358Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output
REV. B
More results

유사한 설명 - AD8381JSTZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381 AD-AD8381 Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8384 AD-AD8384 Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
AD8380 AD-AD8380_15 Datasheet
211Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output
REV. B
AD8381 AD-AD8381_15 Datasheet
358Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output
REV. B
AD8386 AD-AD8386 Datasheet
380Kb / 20P
   10-Bit, 12-Channel Output Decimating LCD Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com