전자부품 데이터시트 검색엔진 |
|
AD9258-125EBZ1 데이터시트(PDF) 5 Page - Analog Devices |
|
AD9258-125EBZ1 데이터시트(HTML) 5 Page - Analog Devices |
5 / 44 page AD9258 Rev. A | Page 5 of 44 AD9258BCPZ-80 AD9258BCPZ-105 AD9258BCPZ-125 Parameter Temperature Min Typ Max Min Typ Max Min Typ Max Unit POWER CONSUMPTION DC Input Full 462 487 565 590 750 777 mW Sine Wave Input1 (DRVDD = 1.8 V CMOS Output Mode) Full 481 605 797 mW Sine Wave Input1 (DRVDD = 1.8 V LVDS Output Mode) Full 568 671 865 mW Standby Power3 Full 45 45 45 mW Power-Down Power Full 0.5 2.5 0.5 2.5 0.5 2.5 mW 1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit. 2 Input capacitance refers to the effective capacitance between one differential input pin and AGND. 3 Standby power is measured with a dc input and with the CLK pins inactive (set to AVDD or AGND). |
유사한 부품 번호 - AD9258-125EBZ1 |
|
유사한 설명 - AD9258-125EBZ1 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |