전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8639WARZ-RL 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8639WARZ-RL
상세설명  16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8639WARZ-RL 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8639WARZ-RL Datasheet HTML 3Page - Analog Devices AD8639WARZ-RL Datasheet HTML 4Page - Analog Devices AD8639WARZ-RL Datasheet HTML 5Page - Analog Devices AD8639WARZ-RL Datasheet HTML 6Page - Analog Devices AD8639WARZ-RL Datasheet HTML 7Page - Analog Devices AD8639WARZ-RL Datasheet HTML 8Page - Analog Devices AD8639WARZ-RL Datasheet HTML 9Page - Analog Devices AD8639WARZ-RL Datasheet HTML 10Page - Analog Devices AD8639WARZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8638/AD8639
Rev. F | Page 7 of 20
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
100
10
1
0.1
25
125
100
75
50
VSY = ±2.5V
Figure 11. Input Bias Current vs. Temperature
LOAD CURRENT (mA)
10k
1k
100
10
1
0.1
0.001
0.1
0.01
1
100
10
VSY = ±2.5V
VOL – VSS
VDD – VOH
Figure 12. Output Voltage to Supply Rail vs. Load Current
VSY = 5V
RL = 2kΩ
TEMPERATURE (°C)
120
100
80
60
40
20
0
–40
0
25
–25
50
75
100
125
VOL
VDD – VOH
Figure 13. Output Voltage to Supply Rail vs. Temperature
TEMPERATURE (°C)
100
10
1
0.01
0.1
25
125
100
75
50
VSY = ±8V
Figure 14. Input Bias Current vs. Temperature
LOAD CURRENT (mA)
10k
1k
100
10
1
0.001
0.1
0.01
1
100
10
VSY = ±8V
VOL – VSS
VDD – VOH
Figure 15. Output Voltage to Supply Rail vs. Load Current
VSY = 16V
RL = 2kΩ
TEMPERATURE (°C)
250
200
150
100
50
0
–40
0
25
–25
50
75
100
125
VOL
VDD – VOH
Figure 16. Output Voltage to Supply Rail vs. Temperature


유사한 부품 번호 - AD8639WARZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8639WARZ-RL AD-AD8639WARZ-RL Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8639WARZ-RL AD-AD8639WARZ-RL Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
More results

유사한 설명 - AD8639WARZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8638 AD-AD8638 Datasheet
92Kb / 4P
   16V Auto-Zero, Rail-to-Rail Output, Precision Amplifiers
Rev. PrA
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Texas Instruments
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com