전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9887AKSZ-1001 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9887AKSZ-1001
상세설명  Dual Interface for Flat Panel Display
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9887AKSZ-1001 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9887AKSZ-1001 Datasheet HTML 2Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 3Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 4Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 5Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 6Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 7Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 8Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 9Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
AD9887A
Rev. B | Page 6 of 52
AD9887AKS
Parameter
Conditions
Temp
Test
Level
Min
Typ
Max
Unit
Low-to-High Transition Time (DLHT) for DATACK
Output drive = high; CL = 10 pF
Full
IV
1.2
ns
Output drive = med; CL = 7 pF
Full
IV
1.6
ns
Output drive = low; CL = 5 pF
Full
IV
2.3
ns
High-to-Low Transition Time (DHLT) for Data
Output drive = high; CL = 10 pF
Full
IV
2.6
ns
Output drive = med; CL = 7 pF
Full
IV
3.0
ns
Output drive = low; CL = 5 pF
Full
IV
3.7
ns
High-to-Low Transition Time (DHLT) for DATACK
Output drive = high; CL =10 pF
Full
IV
1.4
ns
Output drive = med; CL = 7 pF
Full
IV
1.6
ns
Output drive = low; CL = 5 pF
Full
IV
2.4
ns
Clock-to-Data Skew, tSKEW3
Full
IV
0
4.0
ns
Duty Cycle, DATACK, DATACK3
Full
IV
45
55
% of
period
high
DATACK Frequency (fCIP)
1 pixel/clock
Full
VI
20
140
MHz
DATACK Frequency (fCIP)
2 pixels/clock
Full
IV
10
85
MHz
1 The typical pattern contains a gray-scale area, output drive = high.
2 DATACK and DATACK load = 10 pF, data load = 5 pF, and HDCP disabled.
3 Drive strength = 11.


유사한 부품 번호 - AD9887AKSZ-1001

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9887AKSZ-100 AD-AD9887AKSZ-100 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results

유사한 설명 - AD9887AKSZ-1001

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com