전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9887AKSZ-1001 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD9887AKSZ-1001
상세설명  Dual Interface for Flat Panel Display
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9887AKSZ-1001 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD9887AKSZ-1001 Datasheet HTML 5Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 6Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 7Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 8Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 9Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 10Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 11Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 12Page - Analog Devices AD9887AKSZ-1001 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
AD9887A
Rev. B | Page 9 of 52
Table 4. Pin Function Descriptions
Pin Type
Mnemonic
Description
Value
Pin No.
Interface
Analog Video Data Inputs
RAIN
Analog Input for Red Channel
0.0 V to 1.0 V
119
Analog
GAIN
Analog Input for Green Channel
0.0 V to 1.0 V
110
Analog
BAIN
Analog Input for Blue Channel
0.0 V to 1.0 V
100
Analog
Sync/Clock Inputs
HSYNC
Horizontal Sync Input
3.3 V CMOS
82
Analog
VSYNC
Vertical Sync Input
3.3 V CMOS
81
Analog
SOGIN
Sync-on-Green Input
0.0 V to 1.0 V
108
Analog
CLAMP
External Clamp Input (Optional)
3.3 V CMOS
93
Analog
COAST
PLL Coast Signal Input (Optional)
3.3 V CMOS
84
Analog
CKEXT
External Pixel Clock Input (to Bypass the PLL) to VDD
or Ground (Optional)
3.3 V CMOS
83
Analog
CKINV
ADC Sampling Clock Invert (Optional)
3.3 V CMOS
94
Analog
Sync Outputs
HSOUT
Horizontal Sync Output
3.3 V CMOS
139
Analog/Digital
VSOUT
Vertical Sync Output
3.3 V CMOS
138
Analog/Digital
SOGOUT
Sync-on-Green Slicer Output or Raw Hsync
3.3 V CMOS
140
Analog
Voltage References
REFOUT
Internal Reference Output (bypass with 0.1 μF to
Ground)
1.25 V
126
Analog
REFIN
Reference Input (1.25 V ± 10%)
1.25 V ± 10%
125
Analog
Clamp Voltages
RMIDSCV
Red Channel Midscale Clamp Voltage Output
0.5 V ± 50%
120
Analog
RCLAMPV
Red Channel Midscale Clamp Voltage Input
0.0 V to 0.75 V
118
Analog
GMIDSCV
Green Channel Midscale Clamp Voltage Output
0.5 V ± 50%
111
Analog
GCLAMPV
Green Channel Midscale Clamp Voltage Input
0.0 V to 0.75 V
109
Analog
BMIDSCV
Blue Channel Midscale Clamp Voltage Output
0.5 V ± 50%
101
Analog
BCLAMPV
Blue Channel Midscale Clamp Voltage Input
0.0 V to 0.75 V
99
Analog
PLL Filter
FILT
External Filter Connection (Component of PLL)
78
Analog
Power Supplies
VD
Main Power Supply
3.3 V ± 5%
51, 54, 55,
67, 68, 70,
96, 98,
104, 105,
107, 114,
115, 117,
123, 124,
127
Analog/Digital
VDD
Output Power Supply
3.3 V ± 5%
1, 11, 21,
31, 43,
132, 141,
151
Analog/Digital
PVD
PLL Power Supply
3.3 V ± 5%
75, 77,
79, 87, 88
Analog/Digital
GND
Ground
0 V
2, 12, 22,
32, 41, 42,
44, 52, 58,
61, 64, 69,
74, 76, 80,
85, 86, 95,
97, 102,
103, 106,
112, 113,
116, 121,
122, 128,
130, 131,
133, 142,
152
Analog/Digital
Serial Port
SDA
Serial Port Data I/O
3.3 V CMOS
92
Analog/Digital


유사한 부품 번호 - AD9887AKSZ-1001

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9887AKSZ-100 AD-AD9887AKSZ-100 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results

유사한 설명 - AD9887AKSZ-1001

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com