전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4153BCPZ-RL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADF4153BCPZ-RL7
상세설명  Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4153BCPZ-RL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADF4153BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF4153BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF4153BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF4153BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF4153BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF4153BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADF4153BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADF4153BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADF4153BCPZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4153
Data Sheet
Rev. F | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Loop bandwidth = 20 kHz, reference = 250 MHz, VCO = Sirenza 1750T VCO, evaluation board = EV-ADF4153SD1Z, measurements taken on
the Agilent E5500 phase noise system.
–30
–60
–80
–140
–130
–120
–110
–150
–160
–170
–90
–100
–70
–50
–40
20kHz LOOP BW, LOWEST NOISE MODE
RF = 1.7202MHz, PFD = 25MHz, N = 68,
FRAC = 101, MOD = 125, ICP = 625µA, DSB
INTEGRATED PHASE ERROR = 0.23° RMS
SIRENZA 1750T VCO
1k
10k
1M
10M
100M
100k
FREQUENCY (Hz)
Figure 5. Single-Sideband Phase Noise Plot (Lowest Noise Mode)
–30
–60
–80
–140
–130
–120
–110
–150
–160
–170
–90
–100
–70
–50
–40
1k
10k
1M
10M
100M
100k
FREQUENCY (Hz)
20kHz LOOP BW, LOW NOISE AND SPUR MODE
RF = 1.7202MHz, PFD = 25MHz, N = 68,
FRAC = 101, MOD = 125, ICP = 625µA, DSB
INTEGRATED PHASE ERROR = 0.33° RMS
SIRENZA 1750T VCO
Figure 6. Single-Sideband Phase Noise Plot (Low Noise and Spur Mode)
–30
–60
–80
–140
–130
–120
–110
–150
–160
–170
–90
–100
–70
–50
–40
1k
10k
1M
10M
100M
100k
FREQUENCY (Hz)
20kHz LOOP BW, LOW SPUR MODE
RF = 1.7202MHz, PFD = 25MHz, N = 68,
FRAC = 101, MOD = 125, ICP = 625µA, DSB
INTEGRATED PHASE ERROR = 0.36° RMS
SIRENZA 1750T VCO
Figure 7. Single-Sideband Phase Noise Plot (Low Spur Mode)
FREQUENCY (GHz)
5
0
–5
–10
–20
–15
–25
–30
–35
0
0.5
1.0
1.5
4.0
3.5
3.0
2.5
2.0
4.5
P = 4/5
P = 8/9
Figure 8. RF Input Sensitivity
VCP (V)
6
0
–6
4
2
–2
–4
–5
–3
–1
1
3
5
0
1
2
3
4
5
Figure 9. Charge Pump Output Characteristics
TEMPERATURE (°C)
–90
–94
–104
–60
100
–40
–20
0
20
40
60
–96
–98
–92
–102
–100
80
Figure 10. Phase Noise vs. Temperature


유사한 부품 번호 - ADF4153BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4153BCPZ-RL7 AD-ADF4153BCPZ-RL7 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
More results

유사한 설명 - ADF4153BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
REV. C
logo
Cirrus Logic
CS2200-OTP CIRRUS-CS2200-OTP_09 Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154BRUZ AD-ADF4154BRUZ Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com