전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP30C 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 TIP30C
상세설명  Medium Power Linear Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP30C 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  TIP30C Datasheet HTML 1Page - Fairchild Semiconductor TIP30C Datasheet HTML 2Page - Fairchild Semiconductor TIP30C Datasheet HTML 3Page - Fairchild Semiconductor TIP30C Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: TIP30
: TIP30A
: TIP30B
: TIP30C
- 40
- 60
- 80
- 100
V
V
V
V
VCEO
Collector-Emitter Voltage : TIP30
: TIP30A
: TIP30B
: TIP30C
- 40
- 60
- 80
- 100
V
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 1
A
ICP
Collector Current (Pulse)
- 3
A
IB
Base Current
- 0.4
A
PC
Collector Dissipation (TC=25°C)
30
W
PC
Collector Dissipation (Ta=25°C)
2
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: TIP30
: TIP30A
: TIP30B
: TIP30C
IC = -30mA, IB = 0
-40
-60
-80
-100
V
V
V
V
ICEO
Collector Cut-off Current
: TIP30/30A
: TIP30B/30C
VCE = -30V, IB = 0
VCE = -60V, IB = 0
-0.3
-0.3
mA
mA
ICES
Collector Cut-off Current
: TIP30
: TIP30A
: TIP30B
: TIP30C
VCE = -40V, VEB = 0
VCE = -60V, VEB = 0
VCE = -80V, VEB = 0
VCE = -100V, VEB = 0
-200
-200
-200
-200
µA
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = -5V, IC = 0
-1.0
mA
hFE
* DC Current Gain
VCE = -4V,IC = -0.2A
VCE = -4V, IC = -1A
40
15
75
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = -1A, IB = -125mA
-0.7
V
VBE(sat)
* Base-Emitter Saturation Voltage
VCE = -4V, IC = -1A
-1.3
V
fT
Current Gain Bandwidth Product
VCE = -10V, IC = -200mA
3.0
MHz
TIP30 Series(TIP30/30A/30B/30C)
Medium Power Linear Switching Applications
• Complementary to TIP29/29A/29B/29C
1.Base
2.Collector
3.Emitter
1
TO-220


유사한 부품 번호 - TIP30C

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
TIP30C MOSPEC-TIP30C Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
List of Unclassifed Man...
TIP30C ETC2-TIP30C Datasheet
238Kb / 4P
   High Power Bipolar Transistors
logo
Motorola, Inc
TIP30C MOTOROLA-TIP30C Datasheet
137Kb / 4P
   1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
Continental Device Indi...
TIP30C CDIL-TIP30C Datasheet
317Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP30C ONSEMI-TIP30C Datasheet
137Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
More results

유사한 설명 - TIP30C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
TIP31 FAIRCHILD-TIP31 Datasheet
37Kb / 4P
   Medium Power Linear Switching Applications
logo
JILIN SINO-MICROELECTRO...
TIP41C JSMC-TIP41C Datasheet
243Kb / 4P
   Medium Power Linear Switching Applications
TIP42C JSMC-TIP42C Datasheet
251Kb / 4P
   Medium Power Linear Switching Applications
logo
Fairchild Semiconductor
TIP122 FAIRCHILD-TIP122 Datasheet
45Kb / 4P
   Medium Power Linear Switching Applications
TIP32 FAIRCHILD-TIP32 Datasheet
37Kb / 4P
   Medium Power Linear Switching Applications
logo
Rectron Semiconductor
TIP31CK RECTRON-TIP31CK Datasheet
344Kb / 4P
   Medium Power Linear Switching Applications
logo
First Components Intern...
TIP168A FCI-TIP168A Datasheet
108Kb / 2P
   MEDIUM POWER LINEAR SWITCHING APPLICATIONS
logo
SemiHow Co.,Ltd.
TIP32 SEMIHOW-TIP32 Datasheet
479Kb / 5P
   Medium Power Linear Switching Applications
TIP42 SEMIHOW-TIP42 Datasheet
481Kb / 5P
   Medium Power Linear Switching Applications
TIP31 SEMIHOW-TIP31 Datasheet
484Kb / 5P
   Medium Power Linear Switching Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com