전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6011A4PWPG4 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6011A4PWPG4
상세설명  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6011A4PWPG4 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA6011A4PWPG4 Datasheet HTML 7Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 8Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 9Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 10Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 11Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 12Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 13Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 14Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
www.ti.com
150
120
90
60
30
0
−30
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
10
100
1 k
10 k
100 k
1 M
−180
−150
−120
−90
−60
180
Gain
Phase
VDD = 5 Vdc
RL = 8 Ω
Mode = BTL
Gain = 0 dB
f − Frequency − Hz
150
120
90
60
30
0
−30
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
10
100
1 k
10 k
100 k
1 M
−180
−150
−120
−90
−60
180
Gain
Phase
VDD = 5 Vdc
RL = 8 Ω
Mode = BTL
Gain = 20 dB
f − Frequency − Hz
0
1
2
3
4
5
6
7
8
9
10
−40 −25
5
20
35
50
65
95
−10
110 125
TA − Free-Air Temperature − °C
VDD = 5 V
Mode = BTL
SHUTDOWN = VDD
80
−1
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Mode = BTL
SHUTDOWN = VDD
VDD − Supply Voltage − V
TA = 125°C
TA = 25°C
TA = −40°C
TPA6011A4
SLOS392A – FEBRUARY 2002 – REVISED JULY 2004
CLOSED LOOP RESPONSE
CLOSED LOOP RESPONSE
Figure 11.
Figure 12.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 13.
Figure 14.
11


유사한 부품 번호 - TPA6011A4PWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6011A4PWP TI-TPA6011A4PWP Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

유사한 설명 - TPA6011A4PWPG4

제조업체부품명데이터시트상세설명
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com