전자부품 데이터시트 검색엔진 |
|
AD7575SE 데이터시트(PDF) 7 Page - Analog Devices |
|
AD7575SE 데이터시트(HTML) 7 Page - Analog Devices |
7 / 12 page AD7575 –7– REV. B A SAMPLED-DATA INPUT The AD7575 makes use of a sampled-data comparator. The equivalent input circuit is shown in Figure 9. When a conversion starts, switch S1 is closed, and the equivalent input capacitance is charged to VIN. With a switch resistance of typically 500 Ω and an input capacitance of typically 2 pF, the input time constant is 1 ns. Thus CIN becomes charged to within ± 1/4 LSB in 6.9 time constants or about 7 ns. Since the AD7575 requires two input clock cycles (at a clock frequency of 4 MHz) before going into the compare mode, there is ample time for the input voltage to settle before the first comparator decision is made. Increasing the source resistance increases the settling time re- quired. Input bypass capacitors placed directly at the analog input act to average the input charging currents. The average current flowing through any source impedance can cause full-scale errors. 2pF VIN CS 0.5pF S1 RON 500 Figure 9. Equivalent Input Circuit REFERENCE INPUT The reference input impedance on the AD7575 is code depen- dent and varies by a ratio of approximately 3-to-1 over the digi- tal code range. The typical resistance range is from 6 k Ω to 18 kΩ. As a result of the code dependent input impedance, the VREF input must be driven from a low impedance source. Figure 10 shows how an AD589 can be configured to produce a nominal reference voltage of +1.23 V. 47 F 0.1 F + – AD589 3.3k +5V 1.23V Figure 10. Reference Circuit TRACK-AND-HOLD The on-chip track-and-hold on the AD7575 means that input signals with slew rates up to 386 mV/ µs can be converted with- out error. This corresponds to an input signal bandwidth of 50 kHz for a 2.46 V peak-to-peak sine wave. Figure 11 shows a typical plot of signal-to-noise ratio versus input frequency over the input bandwidth of the AD7575. The SNR figures are gen- erated using a 200 kHz sampling frequency, and the reconstructed sine wave passes through a filter with a cutoff frequency of 50 kHz. The improvement in the SNR figures seen at the higher frequen- cies is due to the sharp cutoff of the filter (50 kHz, 8th order Chebyshev) used in the test circuit. INPUT FREQUENCY – Hz 40 100 100k 10k 1k 42 44 46 48 50 52 54 TA = +25 C Figure 11. SNR vs. Input Frequency The input signal is held on the third falling edge of the input clock after CS and RD go LOW. This is indicated in Figure 12 for the Slow Memory Interface. Between conversions, the input signal is tracked by the AD7575 track-and-hold. Since the sampled signal is held on a small, on-chip capacitor, it is advis- able that the data bus be kept as quiet as possible during a conversion. EXTERNAL CLOCK BUSY RD CS INPUT SIGNAL HELD HERE Figure 12a. Track-and-Hold (Slow Memory Interface) with External Clock INPUT SIGNAL HELD HERE INTERNAL CLOCK BUSY RD CS Figure 12b. Track-and-Hold (Slow Memory Interface) with Internal Clock |
유사한 부품 번호 - AD7575SE |
|
유사한 설명 - AD7575SE |