전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMC2242A 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 TMC2242A
상세설명  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2242A 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  TMC2242A Datasheet HTML 1Page - Fairchild Semiconductor TMC2242A Datasheet HTML 2Page - Fairchild Semiconductor TMC2242A Datasheet HTML 3Page - Fairchild Semiconductor TMC2242A Datasheet HTML 4Page - Fairchild Semiconductor TMC2242A Datasheet HTML 5Page - Fairchild Semiconductor TMC2242A Datasheet HTML 6Page - Fairchild Semiconductor TMC2242A Datasheet HTML 7Page - Fairchild Semiconductor TMC2242A Datasheet HTML 8Page - Fairchild Semiconductor TMC2242A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PRODUCT SPECIFICATION
TMC2242A/TMC2242B
4
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
Operating Conditions
Parameter
Conditions
Min
Max
Units
Supply Voltage
-0.5
7.0
V
Input Voltage
-0.5
VDD + 0.5
V
Output Applied Voltage2
-0.5
VDD + 0.5
V
Externally Forced Current3,4
-3.0
+6.0
mA
Short Circuit Duration
Single output in HIGH state to ground
1
sec
Operating Temperature (Case)
-20
110
°C
Junction Temperature
140
°C
Lead Soldering Temperature
10 seconds
300
°C
Storage Temperature
-65
150
°C
Parameter
Conditions
Min
Nom
Max
Units
VDD
Power Supply Voltage
4.75
5.0
5.25
V
fCLK
Clock frequency
TMC2242A, B
30
MHz
TMC2242A-1,B-1
40
MHz
TMC2242A-2,B-2
60
MHz
tPWH
CLK pulse width, HIGH
6
ns
tPWL
CLK pulse width, LOW
6
ns
tS
Input Data Set-up Time
6
ns
tH
Input Data Hold Time
1
ns
VIH
Input Voltage, Logic HIGH
2.0
V
VIL
Input Voltage, Logic LOW
0.8
V
IOH
Output Current, Logic HIGH
-2.0
mA
IOL
Output Current, Logic LOW
4.0
mA
TA
Ambient Temperature, Still Air
0
70
°C


유사한 부품 번호 - TMC2242A

제조업체부품명데이터시트상세설명
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242AKTC CADEKA-TMC2242AKTC Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242AKTC1 CADEKA-TMC2242AKTC1 Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242AKTC2 CADEKA-TMC2242AKTC2 Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242AR2C CADEKA-TMC2242AR2C Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
More results

유사한 설명 - TMC2242A

제조업체부품명데이터시트상세설명
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
Fujitsu Component Limit...
MB86060 FUJITSU-MB86060 Datasheet
105Kb / 6P
   16-Bit Interpolating Digital to Analog Converter
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
logo
Analog Devices
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
logo
Intersil Corporation
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
   Decimating Digital Filter
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
   Decimating Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com