전자부품 데이터시트 검색엔진 |
|
TA78L12F 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
TA78L12F 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
2 / 19 page TA78L05,06,07,08,09,10,12,15,18,20,24F 2009-09-30 2 Equivalent Circuit Type Marking TA78L05F AE TA78L06F BE TA78L07F KE TA78L08F CE TA78L09F DE TA78L10F EE TA78L12F FE TA78L15F GE TA78L18F HE TA78L20F IE TA78L24F JE Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit TA78L05F TA78L06F TA78L07F TA78L08F TA78L09F TA78L10F TA78L12F TA78L15F 35 TA78L18F TA78L20F 0Input voltage TA78L24F VIN 40 V Output current I OUT 0.15 A Power dissipation (Ta = 25°C) PD 500 mW Operating temperature Topr −30 to 85 °C Storage temperature Tstg −55 to 150 °C Junction temperature Tj 150 °C Thermal resistance Rth (j-a) 250 °C/W Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). |
유사한 부품 번호 - TA78L12F |
|
유사한 설명 - TA78L12F |